Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMO1200-01F Datasheet(PDF) 1 Page - IXYS Corporation

Part # VMO1200-01F
Description  PolarHT??Module N-Channel Enhancement Mode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VMO1200-01F Datasheet(HTML) 1 Page - IXYS Corporation

  VMO1200-01F Datasheet HTML 1Page - IXYS Corporation VMO1200-01F Datasheet HTML 2Page - IXYS Corporation VMO1200-01F Datasheet HTML 3Page - IXYS Corporation VMO1200-01F Datasheet HTML 4Page - IXYS Corporation VMO1200-01F Datasheet HTML 5Page - IXYS Corporation VMO1200-01F Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2010 IXYS All rights reserved
1 - 6
20100614b
VMO 1200-01F
V
DSS
= 100 V
I
D25
= 1220 A
R
DS(on) =
1.25 mΩ max.
PolarHT™ Module
MOSFET
Symbol
Conditions
Maximum Ratings
V
DSS
T
VJ = 25°C to 150°C
100
V
V
GS
± 20
V
I
D25
I
D80
T
C = 25°C
T
C = 80°C
1220
970
A
A
I
F25
I
F80
T
C = 25°C (diode)
T
C = 80°C (diode)
1220
970
A
A
N-Channel Enhancement Mode
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
R
DSon
V
GS = 10 V; ID = ID80
T
VJ =
25°C
T
VJ = 125°C
1.00
1.62
1.25
2.00
V
GS(th)
V
DS = 20 V; ID = 3 mA
3
5
V
I
DSS
V
DS = 0.8 • VDSS; VGS = 0 V; TVJ =
25°C
T
VJ = 125°C
0.3
6
mA
mA
I
GSS
V
GS = ± 20 V; VDS = 0 V
1.2
µA
Q
g
Q
gs
Q
gd
V
GS = 10 V; VDS = 50 V; ID = 1000 A
1710
396
1020
nC
nC
nC
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
rec
inductive load
V
GS = 10 V; VDS = 50 V
I
D = 1000 A; RG = 1.8 Ω
T
VJ =
25°C
R
G = RG ext + Rout driver
360
1620
460
1020
7.7
62.3
0.57
ns
ns
ns
ns
mJ
mJ
mJ
t
d(on)
t
r
t
d(off)
t
f
E
on
E
off
E
rec
inductive load
V
GS = 10 V; VDS = 50 V
I
D = 1000 A; RG = 1.8 Ω
T
VJ = 125°C
R
G = RG ext + Rout driver
400
1640
560
820
8.5
58.9
0.82
ns
ns
ns
ns
mJ
mJ
mJ
R
thJC
R
thJH
with heat transfer paste (IXYS test setup)
0.065
0.053
0.088
K/W
K/W
Features
• PolarHT™ MOSFET technology
- low R
DSon
- dv/dt ruggedness
- fast intrinsic reverse diode
• package
- low inductive current path
- screw connection to high current
main terminals
- use of non interchangeable
connectors for auxiliary terminals
possible
- Kelvin source terminals for easy drive
- isolated DCB ceramic base plate
Applications
• converters with high power density for
- main and auxiliary AC drives of
electric vehicles
- DC drives
- power supplies
D
S
G
KS
S
D
G
KS


Similar Part No. - VMO1200-01F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
VMO1600-02P IXYS-VMO1600-02P Datasheet
508Kb / 6P
   N-Channel Enhancement Mode
More results

Similar Description - VMO1200-01F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTQ100N25P IXYS-IXTQ100N25P Datasheet
613Kb / 5P
   PolarHT Power MOSFET N-Channel Enhancement Mode
IXTQ50N20P IXYS-IXTQ50N20P Datasheet
581Kb / 5P
   PolarHT Power MOSFET N-Channel Enhancement Mode
logo
STMicroelectronics
SGS150MA010D1 STMICROELECTRONICS-SGS150MA010D1 Datasheet
165Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
SGS30MA050D1 STMICROELECTRONICS-SGS30MA050D1 Datasheet
172Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
SGS100MA010D1 STMICROELECTRONICS-SGS100MA010D1 Datasheet
161Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
SGS150MA01001 STMICROELECTRONICS-SGS150MA01001 Datasheet
165Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
SGS35MA050D1 STMICROELECTRONICS-SGS35MA050D1 Datasheet
166Kb / 5P
   N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR MODULE
June 1988
logo
Siemens Semiconductor G...
BSM151 SIEMENS-BSM151 Datasheet
161Kb / 6P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
BSM181 SIEMENS-BSM181 Datasheet
199Kb / 7P
   SIMOPAC Module (Power module Single switch N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com