Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-4050 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B3F-4050
Description  A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B3F-4050 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B3F-4050 Datasheet HTML 1Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 2Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 3Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 4Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 5Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 6Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 7Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 8Page - List of Unclassifed Manufacturers B3F-4050 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
763
Text
762
Text
Tactile Switch – B3F
Type
Plunger
Height
Operating force (of)
Bags (100 Switches)
Without ground
With ground
terminal
terminal
Vertical
Flat
3.15 mm
0.98 N {100 gf}
B3F-3100
1.47 N {150 gf}
B3F-3102
2.55 N {260 gf}
B3F-3105
3.85 mm
0.98 N {100 gf}
B3F-3120
1.47 N {150 gf}
B3F-3122
2.55 N {260 gf}
B3F-3125
Flat, high reliability
3.85mm
1.76N {180gf}
-
B3F-3122-G
gold plated
Projected
6.15 mm
0.98 N {100 gf}
B3F-3150
1.47 N {150 gf}
B3F-3152
2.55 N {260 gf}
B3F-3155
Note: Switches are sold in units of 100 Switches. Orders must be made in multiples of 100 (the quantity per bag).
(B3F-3000)
6 x 6 mm Models
Type
Plunger
Height
Operating force
Bags (100 Switches)
Without ground
With ground
terminal
terminal
Standard
Flat
4.3 mm
1.27 N {130 gf}
B3F-4000
B3F-4100
2.55 N {260 gf}
B3F-4005
B3F-4105
Projected
7.3 mm
1.27 N {130 gf}
B3F-4050
B3F-4150
2.55 N {260 gf}
B3F-4055
B3F-4155
Long life
Flat
4.3 mm
1.27 N {130 gf}
B3F-5000
B3F-5100
Projected
7.3 mm
B3F-5050
B3F-5150
High reliability
Flat
4.3 mm
1.27 N {130 gf}
B3F-5001
B3F-5101
Projected
7.3 mm
B3F-5051
B3F-5151
Note: Switches are sold in units of 100 Switches. Orders must be made in multiples of 100 (the quantity per bag).
(B3F-4000)
expectancy
(B3F-5000)
gold-plated
(B3F-5000)
12 x 12 mm Models
Type
Plunger
Height
Operating force
Operating force
0.98 N {100 gf}
1.47 N {150 gf}
Without ground
With ground
Without ground
With ground
terminal
terminal
terminal
terminal
Standard
Flat
4.3 mm
B3F-6000
B3F-6100
B3F-6002
B3F-6106
5.0 mm
B3F-6020
B3F-6120
B3F-6022
B3F-6122
Projected
7.3 mm
B3F-6050
B3F-6150
B3F-6052
B3F-6152
Note: Switches are sold in units of 1,000 Switches. Orders must be made in multiples of 1,000. Switches are not sold individually.
(B3F-6000)
6 x 6 mm Radial Models (Taping Specifications)
Accessories (Order Separately)
Special Key Tops are available for projected plunger models.
or LED colour
Tactile Switch – B3F
A Wide Range of Models: 6 x 6 mm,
12 x 12 mm, Vertical and High-force.
ROHS compliant.
A positive click action plus a long life equal to
that of a no-contact switch.
Radial models (taping specifications) that allow the
use of general-purpose radial taping parts insertion
machines have been added to the series.
High reliability gold plated type available
Ordering Information
Type
Plunger
Height
Operating force (of)
Bags (100 Switches)
Without ground
With ground
terminal
terminal
Horizontal
Flat
4.3 mm
0.98 N {100 gf}
B3F-1000
B3F-1100
1.47 N {150 gf}
B3F-1002
B3F-1102
2.55 N {260 gf}
B3F-1005
B3F-1105
4.9 N {50 gf}
B3F-1006
5.0 mm
0.98 N {100 gf}
B3F-1020
B3F-1120
1.47 N {150 gf}
B3F-1022
B3F-1122
2.55 N {260 gf}
B3F-1025
B3F-1125
4.9 N {50 gf}
B3F-1026
5.0 mm (7.5-mm pitch) 0.98 N {100 gf}
B3F-1110
7.0 mm
0.98 N {100 gf}
B3F-1060
1.47 N {150 gf}
B3F-1062
9.5 mm
0.98 N {100 gf}
B3F-1070
1.47 N {150 gf}
B3F-1072-N
2.55 N {260 gf}
B3F-1075
Projected
7.3 mm
0.98 N {100 gf}
B3F-1050
B3F-1150
1.47 N {150 gf}
B3F-1052
B3F-1152
2.55 N {260 gf}
B3F-1055
B3F-1155
4.9 N {50 gf}
B3F-1056
4.3 mm
1.76 N {180 gf}
B3F-1002-G
B3F-1102-G
5.0mm
B3F-1022-G
B3F-1122-G
7.0mm
B3F-1062-G
9.5mm
B3F-1072-G
Projected, high
7.3mm
1.76N (180gf)
B3F-1052-G
reliability gold plated
(B3F-1000)
6 x 6 mm Models
Flat, high reliability
gold plated
Omron 08 Cat 565-773
5/10/07
15:58
Page 762


Similar Part No. - B3F-4050

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-4050 OMRON-B3F-4050 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-4050 OMRON-B3F-4050 Datasheet
1Mb / 12P
   Tactile Switch
B3F-4050S OMRON-B3F-4050S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-4050

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
Weidmuller
2007200000 WEIDMULLER-2007200000 Datasheet
837Kb / 8P
   WS 12/6 MM WS
October 18, 2021
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
logo
Schneider Electric
LJB12606 SCHNEIDER-LJB12606 Datasheet
57Kb / 2P
   WIREWAY 12 x 6 - N12 - 6 in lg
logo
Thorlabs, Inc.
TPS6 THORLABS-TPS6 Datasheet
123Kb / 1P
   24" x 12" (610 mm x 305 mm) LASER SAFETY SCREEN
14/OCT/10
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com