Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB2S Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MB2S
Description  SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MB2S Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MB2S Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD MB2S Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
MECHANICAL DATA
Surage overload rating-30 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
Glass passivated device
Polarity symbols molded on body
Mounting position:Any
Weight:0.5 gram
Epoxy:Device has UL flammability classification 94V-0
UL Iisted the recognized component directory,file#E94233
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load ,derate current by 20%.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
o
Maximum RMS Bridge Input Voltage
Maximum Average Forward Output Rectified
Current at TA=30
o
C
Peak Forward Surge Current8.3ms single half
sine-wave superimposed onrated
load (JEDEC method)
Operating and Storage Temperature Range
NOTE:
1.On glass-epoxy P. C.B.mounted on 0.05X0.05 (1.3X1.3mm)pads
" "
2.On aluminum substrate P.C.B.with an area of 0.8X0.8X0.25 (20X20X6.4mm)mounted on 0.05X0.05 (1.27X1.27mm)solder pad.
3.Suffix. S Surface Mount for Mini Dip Bridge.
SYMBOL
VRRM
VRMS
VDC
I(AV)
IFSM
T T
J,
STG
30
0.5
0.8
Amps
Dimensions in millimeters
VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampe
Amp
NITS
100
100
70
200
200
140
400
400
280
600
600
420
800
800
560
1000
1000
700
Maximum Recurrent Peak Reverse Voltage
Maximum DC Blocking Voltage
Volts
Volts
Volts
SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
Absolute Maximum Ratings (At Ta=25oC unless otherwise noted)
RATINGS
-on glass-epoxy P.C.B.(NOTE1)
-on aluminum substrate(NOTE2)
-55 to + 150
O
C
Maximum Forward Voltage Drop per
Bridge Element at 0.5A DC
ELECTRICAL CHARACTERISTICS (At Ta=25oC unless otherwise noted)
CHARACTERISTICS
Maximum Reverse Current ar rated
DC Blocking Voltage per element
@TA=25 C
O
@TA=125 C
O
SYMBOL MB1S
MB2S
MB
4S
MB
6S
MB
8S
MB
10S
UNITS
Volts
1.05
10
0.5
VF
IR
uAmps
mAmps
MB
2S
MB1S
MB
4S
MB
6S MB8S MB10S
MB1S THRU MB 1 0S
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.,LTD
RoHS


Similar Part No. - MB2S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MB2S LUGUANG-MB2S Datasheet
192Kb / 2P
   Ideal for printed circuit board
logo
Fairchild Semiconductor
MB2S FAIRCHILD-MB2S Datasheet
140Kb / 3P
   0.5 Ampere Glass Passivated Bridge Rectifiers
logo
SHIKUES Electronics
MB2S SKTECHNOLGY-MB2S Datasheet
461Kb / 3P
   0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Nanjing International G...
MB2S DGNJDZ-MB2S Datasheet
360Kb / 2P
   MINI SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
RFE international
MB2S RFE-MB2S Datasheet
111Kb / 1P
   SURFACE MOUNT: Super Fast Recovery Schottky & Bridge Rectifiers
More results

Similar Description - MB2S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MD1S RECTRON-MD1S Datasheet
21Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere)
MD1 RECTRON-MD1 Datasheet
26Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON MINI BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere
MB1S RECTRON-MB1S Datasheet
175Kb / 6P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Ampere SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2019-08 REV:B
SLPD101S RECTRON-SLPD101S Datasheet
496Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.5 Amperes
2019-11 REV:A
RS2001MLS RECTRON-RS2001MLS Datasheet
150Kb / 6P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 20Amperes
2019-06/47 REV: O
MP5005 RECTRON-MP5005 Datasheet
568Kb / 5P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 50 Amperes SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
2020-09 REV: B
MDA970G1 RECTRON-MDA970G1 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes)
RB151 RECTRON-RB151 Datasheet
22Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
MDA970G1 RECTRON-MDA970G1_07 Datasheet
236Kb / 3P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Amperes
RS201M RECTRON-RS201M Datasheet
44Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com