Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6702-ACAB-0000 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 6702-ACAB-0000
Description  Pressure & Vacuum Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6702-ACAB-0000 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 6702-ACAB-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 10Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 11Page - List of Unclassifed Manufacturers 6702-ACAB-0000 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
6741 / 6742 ~ Medium Pressure Switches
1999
FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112
ISSUE 01
As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale.
Benefits
y Switches set to specific rising or falling pressures
y UL recognised versions available
y High performance repeatability
y Single or double pole switching
y Customised settings available upon request
y Various connector options available
Silver Contact Microswitch Data
Average Life
Expectancy
Mechanical
1.0 x 10
6
2.0 x 10
5 @ 10A 1.0 x 104 @ 21A
Max. Electrical Load
Electrical Rating
Electrical
Voltage
Res.
Ind.
(Pf 0.75 Motor)
AC
250V
250V
125V
6V
12V
24V
60V
110V
220V
21A
15A
8A
1A
0.5A
0.25A
21A
15A
7A
0.5A
0.1A
0.1A
21A
21A
21A
8A
1HP
1HP
DC
Gold Contact Microswitch Data
Average Life
Expectancy
Mechanical
1.0 x 10
6
2.0 x 10
6 @ 10A 1.0 x 104 @ 21A
Max. Electrical Load
Electrical
Voltage
Res.
Ind.
(Pf 0.75 Motor)
AC
UL/CSA Only
250V
125V
0.1A
0.1A
0.05
-----
N/A
-----
Switch Standards:
EN 60730, EN 61058 and UL 508
Approvals Available:
CE, BEAB, CSA, DEMCO, IMQ, KEMA, NEMCO,
OVE, SEMCO, SET I, SEV, UL, VDE
NB
Herga do not accept liability for any pressure operated device used
outside the pressure range specified by the company.
Model No
6742-20/30/40/50/60
6742-70/80/90
Electrical Switch Data 2 Pole change over
2 Pole Change over
Contact Rating
21 (8) A 250V ac
21 (8) A 250V ac
Pressure Connection
Brass 1/8" BSPT
Brass 1/8" BSPT
Setting Accuracy
± 10% as standard
± 10% as standard
Withstand Pressure
25 PSI or x 2
150 PSI 10 Bar
Temperature Range
-5˚C to + 70˚C
-5˚C to + 70˚C
Body Material
Nylon 12
Nylon 12
Nitrile fabric
Diaphragm
Neoprene
reinforced fitted in
brass pressure
capsule
Spring
Spring steel
Spring steel
Weight
50gm
85gm
P.S.I
Bar
6742-20
1.5 - 3.5
0.10 - 0.24
See chart 1
6742-30
3.0 - 5.5
0.20 - 0.37
See chart 1
6742-40
5 - 10
0.34 - 0.68
See chart 1
6742-50
8 - 18
0.54 - 1.22
See chart 2
6742-60
16 - 30
1.08 - 2.04
See chart 2
6742-70
25 - 55
1.70 - 3.79
See chart 3
6742-80
45 - 75
3.1 - 5.17
See chart 3
6742-90
60 - 120
4.14 - 8.27
See chart 3
Model No
Pressure Range
Differential
(Fixed)
Special options are available for quantity orders
y
Diaphragms in silicon rubber, nitrile, EPDM
y
Switches with wide or close differentials
y
Springs in stainless steel
y
NPT connectors available
Electrical Rating


Similar Part No. - 6702-ACAB-0000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6702-RC BOURNS-6702-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results

Similar Description - 6702-ACAB-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com