Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR88C681J-F Datasheet(PDF) 5 Page - Exar Corporation

Part # XR88C681J-F
Description  Two Full Duplex, Independent Channels
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681J-F Datasheet(HTML) 5 Page - Exar Corporation

  XR88C681J-F Datasheet HTML 1Page - Exar Corporation XR88C681J-F Datasheet HTML 2Page - Exar Corporation XR88C681J-F Datasheet HTML 3Page - Exar Corporation XR88C681J-F Datasheet HTML 4Page - Exar Corporation XR88C681J-F Datasheet HTML 5Page - Exar Corporation XR88C681J-F Datasheet HTML 6Page - Exar Corporation XR88C681J-F Datasheet HTML 7Page - Exar Corporation XR88C681J-F Datasheet HTML 8Page - Exar Corporation XR88C681J-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 101 page
background image
XR88C681
5
Rev. 2.11
44 PLCC
40 PDIP,
CDIP
28 PDIP
Symbol
Type
Description
14
12
9
OP1
(-RTSB)
O
Output 1 (General Purpose Output).
This output can also
be programmed to function as the active-low, “Channel B
Request-to-Send” Output (-RTSB).
15
13
OP3
(TXCB_1X)
(RXCB_1X)
(-C/T_RDY)
O
Output 3 (General Purpose Output).
This output port can
also be programmed to function as: the “Channel B Trans-
mitter 1X clock” output (TXCB_1X), the “Channel B Receiv-
er 1X clock” output (RXCB_1X), or the open drain, active-
low “Counter/Timer Ready” output (-C/T_RDY).
16
14
OP5
(-RXRDY/
-FFULL_B)
O
Output 5 (General Purpose Output Pin).
This output port
pin can also be programmed to function as the open-drain,
active-low, Channel B “Receive Ready” or “Receiver FIFO
Full” indicator output (-RXRDY_B/-FFULL_B).
17
15
OP7
(TXRDY_B)
O
Output 7. (General Purpose Output Pin).
This output port
pin can also be programmed to function as the open-drain,
active-low, “Transmitter Ready” indicator output for Channel
B (-TXRDY_B).
18
16
10
D1
I/O
Bi-Directional Data Bus.
19
17
11
D3
I/O
Bi-Directional Data Bus.
20
18
12
D5
I/O
Bi-Directional Data Bus.
21
19
13
D7
I/O
MSB of the Eight Bit Bi-Directional Data Bus.
All transfers
between the CPU and the DUART take place over this bus
(consisting of pins D0 - D7). The bus is tri-stated when the
-
CS input is “high”, except during an IACK cycle (in the Z-
Mode).
22
20
14
GND
PWR
Signal Ground.
23
NC
No Connect.
24
21
15
-
INTR
O
Interrupt Request Output (Active Low, Open Drain).
-
INTR is asserted upon the occurrence of one or more of the
chip’s maskable interrupting conditions. This signal will re-
main asserted throughout the Interrupt Service Routine and
will be negated once the condition(s) causing the Interrupt
Request has been eliminated.
25
22
16
D6
I/O
Bi-Directional Data Bus.
26
23
17
D4
I/O
Bi-Directional Data Bus.
27
24
18
D2
I/O
Bi-Directional Data Bus.
28
25
19
D0
I/O
LSB of the Eight Bit Bi-Directional Data Bus.
All transfers
between the CPU and the DUART take place over this bus.
The bus is tri-stated when the -CS input is “high”, except
during an IACK cycle (in the Z-Mode).
29
26
OP6
(-TXRDY_A)
O
Output 6 (General Purpose Output).
This output pin can
also be programmed to function as the open drain, active-
low, “Transmitter Ready” indicator output for Channel A
(-TXRDY_A).


Similar Part No. - XR88C681J-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681J EXAR-XR88C681J Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681J EXAR-XR88C681J Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR88C681J EXAR-XR88C681J Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
More results

Similar Description - XR88C681J-F

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BWZ AVAGO-AFBR-732BWZ Datasheet
434Kb / 22P
   12 independent channels per module
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
   Two fully independent diodes
Revision: 31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
   Two fully independent diodes
Revision: 31-May-16
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com