Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MACH110-14 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # MACH110-14
Description  High-Density EE CMOS Programmable Logic
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

MACH110-14 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button MACH110-14 Datasheet HTML 6Page - Advanced Micro Devices MACH110-14 Datasheet HTML 7Page - Advanced Micro Devices MACH110-14 Datasheet HTML 8Page - Advanced Micro Devices MACH110-14 Datasheet HTML 9Page - Advanced Micro Devices MACH110-14 Datasheet HTML 10Page - Advanced Micro Devices MACH110-14 Datasheet HTML 11Page - Advanced Micro Devices MACH110-14 Datasheet HTML 12Page - Advanced Micro Devices MACH110-14 Datasheet HTML 13Page - Advanced Micro Devices MACH110-14 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AMD
MACH110-14/18/20 (Ind)
10
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
–65
°C to +150°C
. . . . . . . . . . .
Ambient Temperature
With Power Applied
–55
°C to +125°C
. . . . . . . . . . . . .
Supply Voltage with
Respect to Ground
–0.5 V to +7.0 V
. . . . . . . . . . . . .
DC Input Voltage
–0.5 V to VCC+ 0.5 V
. . . . . . . . . . . .
DC Output or I/O
Pin Voltage
–0.5 V to VCC+ 0.5 V
. . . . . . . . . . . . . . . .
Static Discharge Voltage
2001 V
. . . . . . . . . . . . . . . .
Latchup Current
(TA = –40
°C to +85°C)
200 mA
. . . . . . . . . . . . . . . . . .
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
Programming conditions may differ.
INDUSTRIAL OPERATING RANGES
Ambient Temperature (TA)
Operating in Free Air
–40
°C to +85°C
. . . . . . . . . . . .
Supply Voltage (VCC)
with Respect to Ground
+4.5 V to +5.5 V
. . . . . . . . . .
Operating ranges define those limits between which the func-
tionality of the device is guaranteed.
DC CHARACTERISTICS over INDUSTRIAL operating ranges unless otherwise specified
Parameter
Symbol
Parameter Description
Test Conditions
Min
Typ
Max
Unit
VOH
Output HIGH Voltage
IOH = –3.2 mA, VCC = Min
2.4
V
VIN = VIH or VIL
VOL
Output LOW Voltage
IOL = 16 mA, VCC = Min
0.5
V
VIN = VIH or VIL
VIH
Input HIGH Voltage
Guaranteed Input Logical HIGH
2.0
V
Voltage for all Inputs (Note 1)
VIL
Input LOW Voltage
Guaranteed Input Logical LOW
0.8
V
Voltage for all Inputs (Note 1)
IIH
Input HIGH Current
VIN = 5.25 V, VCC= Max (Note 2)
10
µA
IIL
Input LOW Current
VIN = 0 V, VCC= Max (Note 2)
–10
µA
IOZH
Off-State Output Leakage
VOUT= 5.25 V, VCC= Max
10
µA
Current HIGH
VIN = VIH or VIL (Note 2)
IOZL
Off-State Output Leakage
VOUT= 0 V, VCC= Max
–10
µA
Current LOW
VIN = VIH or VIL (Note 2)
ISC
Output Short-Circuit Current
VOUT= 0.5 V, VCC= Max (Note 3)
–30
–160
mA
Supply Current (Typical)
VCC = 5 V, TA = 25
°C, f = 25 MHz (Note 4)
95
mA
Notes:
1. These are absolute values with respect to device ground and all overshoots due to system and/or tester noise are included.
2. I/O pin leakage is the worst case of IIL and IOZL(or IIH and IOZH).
3. Not more than one output should be shorted at a time. Duration of the short-circuit should not exceed one second.
VOUT= 0.5 V has been chosen to avoid test problems caused by tester ground degradation.
4. Measured with a 16-bit up/down counter pattern. This pattern is programmed in each PAL block and is capable of
being loaded, enabled, and reset.
ICC


Similar Part No. - MACH110-14

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH110-12JC LATTICE-MACH110-12JC Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH110-15JC LATTICE-MACH110-15JC Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
More results

Similar Description - MACH110-14

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH445-12 LATTICE-MACH445-12 Datasheet
214Kb / 28P
   High-Density EE CMOS Programmable Logic
MACH435-12 LATTICE-MACH435-12 Datasheet
254Kb / 30P
   High-Density EE CMOS Programmable Logic
MACH230-10 LATTICE-MACH230-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
MACH220-10 LATTICE-MACH220-10 Datasheet
230Kb / 29P
   High-Density EE CMOS Programmable Logic
logo
Advanced Micro Devices
MACH211SP-7 AMD-MACH211SP-7 Datasheet
251Kb / 37P
   High-Density EE CMOS Programmable Logic
logo
Lattice Semiconductor
MACH110-12 LATTICE-MACH110-12 Datasheet
191Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH130-15 LATTICE-MACH130-15 Datasheet
194Kb / 24P
   High-Density EE CMOS Programmable Logic
MACH215-12 LATTICE-MACH215-12 Datasheet
245Kb / 30P
   High-Density EE CMOS Programmable Logic
MACHLV210-12 LATTICE-MACHLV210-12 Datasheet
221Kb / 29P
   High Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com