Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XR88C681N Datasheet(PDF) 4 Page - Exar Corporation

Part # XR88C681N
Description  Two Full Duplex, Independent Channels
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR88C681N Datasheet(HTML) 4 Page - Exar Corporation

  XR88C681N Datasheet HTML 1Page - Exar Corporation XR88C681N Datasheet HTML 2Page - Exar Corporation XR88C681N Datasheet HTML 3Page - Exar Corporation XR88C681N Datasheet HTML 4Page - Exar Corporation XR88C681N Datasheet HTML 5Page - Exar Corporation XR88C681N Datasheet HTML 6Page - Exar Corporation XR88C681N Datasheet HTML 7Page - Exar Corporation XR88C681N Datasheet HTML 8Page - Exar Corporation XR88C681N Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 101 page
background image
XR88C681
4
Rev. 2.11
PIN DESCRIPTION
44 PLCC
40 PDIP,
CDIP
28 PDIP
Symbol
Type
Description
1
NC
No Connection.
2
1
1
A0
I
LSB of Address Input.
This input, along with Address Inputs,
A1 - A3 are used to select certain registers within the DUART
device, during READ and WRITE operations with the CPU.
3
2
IP3
(TXCA - I)
(RXCA - Z)
I
Input Port 3.
General Purpose Input - When the DUART is
operating in the I-mode, this input can also be used as the
external clock input for the Channel A Transmitter (TXCA).
When the DUART is operating in the Z-Mode, this input can
be used as the external clock input for the Channel A Receiv-
er (RXCA).
4
3
2
A1
I
Address Input.
5
4
IP1
(-CTSB)
I
Input Port 1.
General Purpose Input - This input can also be
used as the Active Low, “Channel B Clear to Send” input.
(-CTSB)
6
5
3
A2
I
Address Input.
7
6
4
A3
I
MSB of Address Input.
This input, along with Address In-
puts, A0 - A2 are used to select certain registers within the
DUART device, during READ and WRITE operations with the
CPU.
8
7
IP0
(-CTSA)
I
Input 0.
General Purpose Input - This input can also be used
as the active-low, “Channel A Clear-to-Send” input. (-CTSA)
9
8
5
-WR
I
Write Strobe (Active-Low).
A “low” on this input while -CS is
also “low” writes the contents of the Data Bus into the ad-
dressed register, within the DUART. The transfer occurs on
the rising edge of -WR.
10
9
6
-RD
I
Read Strobe (Active Low).
A “low” on this input while -CS is
also “low” places the contents of the addressed DUART regis-
ter, on the data bus.
11
10
7
RXDB
I
Receive Serial Data Input (Channel B).
The least significant
bit of the character is received first. If external receiver clock,
RXCB, is specified, the data is sampled on the rising edge of
this clock.
12
NC
No Connect.
13
11
8
TXDB
O
Transmitter Serial Data Output (Channel B).
The least sig-
nificant bit of the character is transmitted first. This output is
held in the high (marking state) when the transmitter is idle,
disabled, or when the channel is operating in the local LOOP-
BACK mode. If an external transmitter clock is specified,
TXCB, the transmitted data is shifted out of the TSR (Trans-
mitter Shift Register) on the falling the edge of this clock.


Similar Part No. - XR88C681N

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR88C681N EXAR-XR88C681N Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681N/40 EXAR-XR88C681N/40 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
XR88C681N/40 EXAR-XR88C681N/40 Datasheet
2Mb / 101P
   CMOS Dual Channel UART (DUART)
XR88C681N40 EXAR-XR88C681N40 Datasheet
1Mb / 99P
   CMOS DUAL CHANNEL UART (DUART)
More results

Similar Description - XR88C681N

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E981.07 ELMOS-E981.07 Datasheet
533Kb / 46P
   Two independent operating channels
logo
List of Unclassifed Man...
MCM-7312 ETC-MCM-7312 Datasheet
1Mb / 4P
   Four independent, RS-232-C, Full-duplex, Serial Communications Channels.
logo
ELMOS Semiconductor AG
E981.08 ELMOS-E981.08 Datasheet
557Kb / 47P
   Four independent operating channels
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-732BWZ AVAGO-AFBR-732BWZ Datasheet
434Kb / 22P
   12 independent channels per module
logo
List of Unclassifed Man...
32R ETC2-32R Datasheet
247Kb / 7P
   Two output channels
logo
SyncMOS Technologies,In...
SM59R16A5 SYNCMOS-SM59R16A5 Datasheet
1Mb / 89P
   Two serial peripheral interfaces in full duplex mode
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
logo
Vishay Siliconix
VS-UFB230FA60 VISHAY-VS-UFB230FA60 Datasheet
139Kb / 7P
   Two fully independent diodes
Revision: 31-May-16
VS-UFB280FA20 VISHAY-VS-UFB280FA20 Datasheet
277Kb / 8P
   Two fully independent diodes
Revision: 31-May-16
logo
Sanyo Semicon Device
LB8628PL SANYO-LB8628PL Datasheet
76Kb / 6P
   Two Saturated Drive Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com