Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1615-1 Datasheet(PDF) 6 Page - Linear Integrated Systems

Part # LT1615-1
Description  Micropower Step-Up DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT1615-1 Datasheet(HTML) 6 Page - Linear Integrated Systems

  LT1615-1 Datasheet HTML 1Page - Linear Integrated Systems LT1615-1 Datasheet HTML 2Page - Linear Integrated Systems LT1615-1 Datasheet HTML 3Page - Linear Integrated Systems LT1615-1 Datasheet HTML 4Page - Linear Integrated Systems LT1615-1 Datasheet HTML 5Page - Linear Integrated Systems LT1615-1 Datasheet HTML 6Page - Linear Integrated Systems LT1615-1 Datasheet HTML 7Page - Linear Integrated Systems LT1615-1 Datasheet HTML 8Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
LT1615/LT1615-1
sn16151 16151fas
APPLICATIO S I FOR ATIO
input voltages greater than 5V), the current limit over-
shoot can be quite high. Although it is internally current
limited to 350mA, the power switch of the LT1615 can
handle larger currents without problem, but the overall
efficiency will suffer. Best results will be obtained when
IPEAK is kept below 700mA for the LT1615 and below
400mA for the LT1615-1.
Capacitor Selection
Low ESR (Equivalent Series Resistance) capacitors should
be used at the output to minimize the output ripple voltage.
Multilayer ceramic capacitors are the best choice, as they
have a very low ESR and are available in very small
packages. Their small size makes them a good companion
to the LT1615’s SOT-23 package. Solid tantalum capaci-
tors (like the AVX TPS, Sprague 593D families) or OS-CON
capacitors can be used, but they will occupy more board
area than a ceramic and will have a higher ESR. Always use
a capacitor with a sufficient voltage rating.
Ceramic capacitors also make a good choice for the input
decoupling capacitor, which should be placed as close as
possible to the LT1615. A 4.7
µF input capacitor is suffi-
cient for most applications. Table 2 shows a list of several
capacitor manufacturers. Consult the manufacturers for
more detailed information and for their entire selection of
related parts.
Diode Selection
For most LT1615 applications, the Motorola MBR0520
surface mount Schottky diode (0.5A, 20V) is an ideal
choice. Schottky diodes, with their low forward voltage
drop and fast switching speed, are the best match for the
LT1615. For higher output voltage applications the 30V
MBR0530 can be used. Many different manufacturers
make equivalent parts, but make sure that the component
is rated to handle at least 0.35A. For LT1615-1 applica-
tions, a Philips BAT54 or Central Semiconductor CMDSH-3
works well.
Lowering Output Voltage Ripple
Using low ESR capacitors will help minimize the output
ripple voltage, but proper selection of the inductor and the
output capacitor also plays a big role. The LT1615 pro-
vides energy to the load in bursts by ramping up the
inductor current, then delivering that current to the load.
If too large of an inductor value or too small of a capacitor
value is used, the output ripple voltage will increase
because the capacitor will be slightly overcharged each
burst cycle. To reduce the output ripple, increase the
output capacitor value or add a 4.7pF feed-forward capaci-
tor in the feedback network of the LT1615 (see the circuits
in the Typical Applications section). Adding this small,
inexpensive 4.7pF capacitor will greatly reduce the output
voltage ripple.
Table 2. Recommended Capacitors
CAPACITOR TYPE
VENDOR
Ceramic
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
Ceramic
AVX
(803) 448-9411
www.avxcorp.com
Ceramic
Murata
(714) 852-2001
www.murata.com


Similar Part No. - LT1615-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1615-1 LINER-LT1615-1 Datasheet
104Kb / 8P
   Micropower Step-Up DC/DC Convertersin SOT-23
LT1615-1 LINER-LT1615-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
More results

Similar Description - LT1615-1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1322 AMSCO-AS1322_1 Datasheet
740Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Technology
LT1615 LINER-LT1615_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
LT1615ES5-1 LINER-LT1615ES5-1 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
ams AG
AS1322 AMSCO-AS1322 Datasheet
551Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329 Datasheet
88Kb / 2P
   Low Voltage, Micropower, DC-DC Step-Up Converters
AS1329 AMSCO-AS1329_1 Datasheet
739Kb / 17P
   Low Voltage, Micropower, DC-DC Step-Up Converters
logo
Linear Technology
LT1615-1 LINER-LT1615-1_15 Datasheet
170Kb / 8P
   Micropower Step-Up DC/DC Converters in ThinSOT
logo
Torex Semiconductor
XC9104 TOREX-XC9104 Datasheet
205Kb / 19P
   Step-Up DC/DC Converters
logo
Analog Microelectronics
AME5130 AME-AME5130 Datasheet
511Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com