Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3518IUF Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LT3518IUF
Description  Full-Featured LED Driver with 2.3A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3518IUF Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LT3518IUF Datasheet HTML 7Page - Linear Integrated Systems LT3518IUF Datasheet HTML 8Page - Linear Integrated Systems LT3518IUF Datasheet HTML 9Page - Linear Integrated Systems LT3518IUF Datasheet HTML 10Page - Linear Integrated Systems LT3518IUF Datasheet HTML 11Page - Linear Integrated Systems LT3518IUF Datasheet HTML 12Page - Linear Integrated Systems LT3518IUF Datasheet HTML 13Page - Linear Integrated Systems LT3518IUF Datasheet HTML 14Page - Linear Integrated Systems LT3518IUF Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3518
11
3518fe
APPLICATIONS INFORMATION
Use only ceramic capacitors with X7R, X5R or better dielec-
tric as they are best for temperature and DC bias stability
of the capacitor value. All ceramic capacitors exhibit loss
of capacitance value with increasing DC voltage bias, so it
may be necessary to choose a higher value capacitor to get
the required capacitance at the operation voltage. Always
check that the voltage rating of the capacitor is sufficient.
Table 2 shows some recommended capacitor vendors.
Table 2. Ceramic Capacitor Manufacturers
VENDOR
PHONE
WEB
Taiyo Yuden
(408) 573-4150
www.t-yuden.com
AVX
(843) 448-9411
www.avxcorp.com
Murata
(770) 436-1300
www.murata.com
TDK
(847) 803-6100
www.tdk.com
Loop Compensation
The LT3518 uses an internal transconductance error ampli-
fier whose VC output compensates the control loop. The
external inductor, output capacitor, and the compensa-
tion resistor and capacitor determine the loop stability.
The inductor and output capacitor are chosen based on
performance, size and cost. The compensation resistor
and capacitor at VC are selected to optimize control loop
stability. For typical LED applications, a 10nF compensation
capacitor at VC is adequate, and a series resistor is not
required. A compensation resistor may be used to increase
the slew rate on the VC pin to maintain tighter regulation
of LED current during fast transients on VIN or CTRL.
Diode Selection
The Schottky diode conducts current during the interval
when the switch is turned off. Select a diode rated for
the maximum SW voltage. If using the PWM feature for
dimming, it is important to consider diode leakage, which
increases with the temperature, from the output during the
PWM low interval. Therefore, choose the Schottky diode
with sufficiently low leakage current. Table 3 has some
recommended component vendors.
Table 3. Schottky Diodes
PART NUMBER
VR (V)
IAVE (A)
On Semiconductor
MBRS260T3
60
2
Diodes Inc.
DFLS140L
40
1
Zetex
ZLLS2000TA
40
2.2
International Rectifier
10MQ060N
60
1.5
Board Layout
The high speed operation of the LT3518 demands careful
attention to board layout and component placement. The
Exposed Pad of the package is the only GND terminal of
the IC and is also important for thermal management of
the IC. It is crucial to achieve a good electrical and thermal
contact between the Exposed Pad and the ground plane of
the board. To reduce electromagnetic interference (EMI),
it is important to minimize the area of the SW node. Use
a GND plane under SW and minimize the length of traces
in the high frequency switching path between SW and
GND through the diode and the capacitors. Since there is
a small DC input bias current to the ISN and ISP inputs,
resistance in series with these inputs should be minimized
and matched, otherwise there will be an offset. Finally, the
bypass capacitor on the VIN supply to the LT3518 should
be placed as close as possible to the VIN terminal of the
device.
Soft-Start
For many applications, it is necessary to minimize the
inrush current at start-up. The built-in soft-start circuit
significantly reduces the start-up current spike and
output voltage overshoot. A typical value for the soft-start
capacitor is 0.1μF.


Similar Part No. - LT3518IUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518IUF-PBF LINER-LT3518IUF-PBF Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518IUF-TRPBF LINER-LT3518IUF-TRPBF Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
More results

Similar Description - LT3518IUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
   Full Featured Programmable Analog Supply Current Monitor
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
   36V, 2.3A Synchronous Step-Up LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com