Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3210EUD-1 Datasheet(PDF) 7 Page - Linear Integrated Systems

Part # LTC3210EUD-1
Description  MAIN/CAM LED Controller in 3mm 3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3210EUD-1 Datasheet(HTML) 7 Page - Linear Integrated Systems

Back Button LTC3210EUD-1 Datasheet HTML 3Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 4Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 5Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 6Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 7Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 8Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 9Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 10Page - Linear Integrated Systems LTC3210EUD-1 Datasheet HTML 11Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC3210

3210fb
C1P, C2P, C1M, C2M (Pins 1, 16, 14, 13): Charge Pump
Flying Capacitor Pins. A 2.2µF X7R or X5R ceramic ca-
pacitor should be connected from C1P to C1M and C2P
to C2M.
CPO (Pin 2): Output of the Charge Pump Used to Power
All LEDs. This pin is enabled or disabled using the ENM
and ENC inputs. A 2.2µF X5R or X7R ceramic capacitor
should be connected to ground.
ENM, ENC (Pins 3, 10): Inputs. The ENM and ENC pins
are used to program the LED output currents. Each input
is strobed up to 7 times to decrement the internal 3-bit
DACs from full-scale to 1LSB. The counter will stop at
1 LSB if the strobing continues. The pin must be held
high after the final desired positive strobe edge. The data
is transferred after a 150µs (typ) delay. Holding the ENM
or ENC pin low will set the LED current to 0 and will reset
the counter after 150µs (typ). If both inputs are held low
for longer than 150µs (typ) the part will go into shutdown.
The charge pump mode is reset to 1x whenever ENC goes
low or when the part is in shutdown mode.
MLED1, MLED2, MLED3, MLED4 (Pins 4, 5, 6, 7):
Outputs. MLED1 to MLED4 are the MAIN current source
outputs. The LEDs are connected between CPO (anodes)
and MLED1-4 (cathodes). The current to each LED output
is set via the ENM input, and the programming resistor
connected between RM and GND. Each of the four LED
outputs can be disabled by connecting the output directly
to CPO. A 10µA current will flow through each directly
connected LED output.
RM, RC (Pins 8, 9): LED Current Programming Resistor
Pins. The RM and RC pins will servo to 1.2V. Resistors
connected between each of these pins and GND are used
to set the CLED and MLED current levels. Connecting
a resistor 12k or less will cause the LTC3210 to enter
overcurrent shutdown.
CLED (Pin 11): Output. CLED is the CAM current source
output. The LED is connected between CPO (anode) and
CLED (cathode). The current to the LED output is set via
the ENC input, and the programming resistor connected
between RC and GND.
GND (Pin 12): Ground. This pin should be connected to
a low impedance ground plane.
VBAT(Pin15):Supplyvoltage.Thispinshouldbebypassed
with a 2.2µF, or greater low ESR ceramic capacitor.
Exposed Pad (Pin 17): This pad should be connected
directly to a low impedance ground plane for optimal
thermal and electrical performance.
pin Functions


Similar Part No. - LTC3210EUD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210EUD-1-PBF LINER-LTC3210EUD-1-PBF Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210EUD-1-TRPBF LINER-LTC3210EUD-1-TRPBF Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
More results

Similar Description - LTC3210EUD-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210-1 LINER-LTC3210-1 Datasheet
198Kb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LT6559 LINER-LT6559_15 Datasheet
445Kb / 16P
   Triple Video Amplifier in 3mm 3mm QFN
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
   Backlight and Flash Driver in QFN 3mm x 3mm
logo
Maxim Integrated Produc...
MAX8822 MAXIM-MAX8822 Datasheet
251Kb / 15P
   Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN
Rev 0; 11/07
logo
Linear Technology
LT6559 LINER-LT6559 Datasheet
439Kb / 16P
   Low Cost 5V/짹5V 300MHz Triple Video Amplifi er in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com