Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3518EFE Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LT3518EFE
Description  Full-Featured LED Driver with 2.3A Switch Current
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LT3518EFE Datasheet(HTML) 2 Page - Linear Integrated Systems

  LT3518EFE Datasheet HTML 1Page - Linear Integrated Systems LT3518EFE Datasheet HTML 2Page - Linear Integrated Systems LT3518EFE Datasheet HTML 3Page - Linear Integrated Systems LT3518EFE Datasheet HTML 4Page - Linear Integrated Systems LT3518EFE Datasheet HTML 5Page - Linear Integrated Systems LT3518EFE Datasheet HTML 6Page - Linear Integrated Systems LT3518EFE Datasheet HTML 7Page - Linear Integrated Systems LT3518EFE Datasheet HTML 8Page - Linear Integrated Systems LT3518EFE Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LT3518
2
3518fe
ABSOLUTE MAXIMUM RATINGS
VIN, SHDN, PWM, TGEN (Note 3)..............................40V
SW, ISP, ISN, TG........................................................45V
TG Pin Below ISP Pin................................................10V
FB, SYNC, SS, CTRL ...................................................6V
VC, RT, VREF ................................................................3V
Operating Junction Temperature Range (Notes 2, 4)
LT3518E............................................. –40°C to 125°C
LT3518I.............................................. –40°C to 125°C
LT3518H ............................................ –40°C to 150°C
(Note 1)
16 15 14 13
5
6
7
8
TOP VIEW
17
UF PACKAGE
16-LEAD (4mm
4mm) PLASTIC QFN
9
10
11
12
4
3
2
1
SW
SW
VIN
SHDN
FB
VC
CTRL
PWM
TJMAX = 125°C, θJA = 36°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
FE PACKAGE
16-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
VIN
SHDN
VREF
RT
SYNC
SS
PWM
CTRL
SW
SW
TG
ISP
ISN
TGEN
FB
VC
17
GND
TJMAX = 150°C, θJA = 40°C/W, θJC(PAD) = 10°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3518EUF#PBF
LT3518EUF#TRPBF
3518
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT3518IUF#PBF
LT3518IUF#TRPBF
3518
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 125°C
LT3518HUF#PBF
LT3518HUF#TPBF
3518
16-Lead (4mm × 4mm) Plastic QFN
–40°C to 150°C
LT3518EFE#PBF
LT3518EFE#TRPBF
3518FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3518IFE#PBF
LT3518IFE#TRPBF
3518FE
16-Lead Plastic TSSOP
–40°C to 125°C
LT3518HFE#PBF
LT3518HFE#TRPBF
3518FE
16-Lead Plastic TSSOP
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Storage Temperature Range
QFN.................................................... –65°C to 150°C
TSSOP ............................................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP .............................................................. 300°C


Similar Part No. - LT3518EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518EFE-PBF LINER-LT3518EFE-PBF Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518EFE-TRPBF LINER-LT3518EFE-TRPBF Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
More results

Similar Description - LT3518EFE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3518 LINER-LT3518_15 Datasheet
250Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3518 LINER-LT3518 Datasheet
272Kb / 20P
   Full-Featured LED Driver with 2.3A Switch Current
LT3517 LINER-LT3517_15 Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Dimensions Semic...
LT3517HUF LINEAR_DIMENSIONS-LT3517HUF Datasheet
404Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Linear Technology
LT3517 LINER-LT3517_12 Datasheet
294Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
LT3517 LINER-LT3517 Datasheet
275Kb / 20P
   Full-Featured LED Driver with 1.5A Switch Current
logo
Intersil Corporation
ISL1902 INTERSIL-ISL1902 Datasheet
872Kb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
Renesas Technology Corp
ISL1902 RENESAS-ISL1902 Datasheet
1Mb / 25P
   Full-Featured, Dimmable AC Mains LED Driver with PFC
logo
List of Unclassifed Man...
QA-1000HC ETC1-QA-1000HC Datasheet
105Kb / 6P
   Full Featured Programmable Analog Supply Current Monitor
logo
Analog Devices
LT3922-1 AD-LT3922-1 Datasheet
3Mb / 32P
   36V, 2.3A Synchronous Step-Up LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com