Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3542EDC Datasheet(PDF) 4 Page - Linear Integrated Systems

Part # LTC3542EDC
Description  500mA, 2.25MHz Synchronous Step-Down
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC3542EDC Datasheet(HTML) 4 Page - Linear Integrated Systems

  LTC3542EDC Datasheet HTML 1Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 2Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 3Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 4Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 5Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 6Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 7Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 8Page - Linear Integrated Systems LTC3542EDC Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3542
4
3542fa
Start-Up from Shutdown
Load Step
Reference Voltage
vs Temperature
Oscillator Frequency
vs Temperature
Oscillator Frequency
vs Supply Voltage
Output Voltage vs Supply Voltage
Output Voltage vs Load Current
RDS(ON) vs Input Voltage
RUN
2V/DIV
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 500mA
FIGURE 3a CIRCUIT
400
μs/DIV
3542 G04
VOUT
1V/DIV
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 30mA TO 500mA
FIGURE 3a CIRCUIT
20
μs/DIV
3542 G05
ILOAD
500mA/DIV
Load Step
VOUT
100mV/DIV
AC COUPLED
IL
500mA/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 500mA
FIGURE 3a CIRCUIT
20
μs/DIV
3542 G06
ILOAD
500mA/DIV
TEMPERATURE (
°C)
–50
0.6100
0.6075
0.6050
0.6025
0.6000
0.5975
0.5950
0.5925
0.5900
0.5875
0.5850
0.5825
0.6125
0.6150
0
50
75
3542 G07
–25
25
100
125
INPUT VOLTAGE (V)
2
–0.5
–0.4
–0.2
–0.1
0
0.5
0.2
3
4
4.5
3542 G10
–0.3
0.3
0.4
0.1
2.5
3.5
5
5.5
6
VOUT = 1.8V
IOUT = 100mA
LOAD CURRENT (mA)
1
0
1.0
2.0
10
100
1000
3542 G11
–1.0
–0.5
0.5
1.5
–1.5
–2.0
Burst Mode
OPERATION
VIN = 3.6V
VOUT = 1.8V
PULSE SKIP
MODE
VIN (V)
1
0
0.1
0.3
0.4
0.5
5
0.9
3542 G12
0.2
3
26
47
0.6
0.7
0.8
SYNCHRONOUS
SWITCH
MAIN SWITCH
TEMPERATURE (
°C)
–50 –30 –10 10
30
50
70
90 110
1.8
1.9
2.1
2.2
2.3
2.7
3542 G08
2.0
2.4
2.5
2.6
SUPPLY VOLTAGE (V)
2.2
2.3
2.4
56
3542 G09
2.1
2.0
1.8
2
3
4
1.9
2.7
2.5
2.6
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise specified.


Similar Part No. - LTC3542EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542EDC-1-PBF LINER-LTC3542EDC-1-PBF Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542EDC-1-TRPBF LINER-LTC3542EDC-1-TRPBF Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542EDC-PBF LINER-LTC3542EDC-PBF Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542EDC-TRPBF LINER-LTC3542EDC-TRPBF Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
More results

Similar Description - LTC3542EDC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3542 LINER-LTC3542 Datasheet
212Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542 LINER-LTC3542_15 Datasheet
222Kb / 16P
   500mA, 2.25MHz Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1_15 Datasheet
232Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3542-1 LINER-LTC3542-1 Datasheet
228Kb / 16P
   500mA, 2.25MHz 2.8V Output Synchronous Step-Down DC/DC Converter
LTC3410ESC6 LINER-LTC3410ESC6 Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
LTC3564 LINER-LTC3564 Datasheet
265Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8057A RICHTEK-RT8057A Datasheet
283Kb / 12P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3564 LINER-LTC3564_15 Datasheet
268Kb / 20P
   2.25MHz, 1.25A Synchronous Step-Down Regulator
logo
Richtek Technology Corp...
RT8057 RICHTEK-RT8057 Datasheet
224Kb / 11P
   2.25MHz 1A Synchronous Step-Down Converter
logo
Linear Technology
LTC3545 LINER-LTC3545 Datasheet
291Kb / 20P
   Triple 800mA Synchronous Step-Down Regulator-2.25MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com