Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C10 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZT52C10
Description  Planar Die Construction
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZT52C10 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZT52C10 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C10 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZT52C10 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEJ ELECTRONIC CO.,LTD
Electrical Characteristics
@ Ta= 25
℃ unless otherwise specified
Zener Voltage Range (Note 2)
Maximum Zener Impedance
(Note 3)
Maximum
Reverse
Current
(Note 2)
Typical
Temperature
Coefficent
@IZTC
Test
Current
IZTC
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR
VR
mV/°C
Type
Number
Type
Code
Nom(V)
Min(V)
Max(V)
mA
mA
uA
V
Min
Max
mA
BZT52C2V4
WX
2.4
2.20
2.60
5
100
600
1.0
50
1.0
-3.5
0
5
BZT52C2V7
W1
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
5
BZT52C3V0
W2
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
5
BZT52C3V3
W3
3.3
3.1
3.5
5
95
600
1.0
5
1.0
-3.5
0
5
BZT52C3V6
W4
3.6
3.4
3.8
5
90
600
1.0
5
1.0
-3.5
0
5
BZT52C3V9
W5
3.9
3.7
4.1
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52C4V3
W6
4.3
4.0
4.6
5
90
600
1.0
3
1.0
-3.5
0
5
BZT52C4V7
W7
4.7
4.4
5.0
5
80
500
1.0
3
2.0
-3.5
0.2
5
BZT52C5V1
W8
5.1
4.8
5.4
5
60
480
1.0
2
2.0
-2.7
1.2
5
BZT52C5V6
W9
5.6
5.2
6.0
5
40
400
1.0
1
2.0
-2.0
2.5
5
BZT52C6V2
WA
6.2
5.8
6.6
5
10
150
1.0
3
4.0
0.4
3.7
5
BZT52C6V8
WB
6.8
6.4
7.2
5
15
80
1.0
2
4.0
1.2
4.5
5
BZT52C7V5
WC
7.5
7.0
7.9
5
15
80
1.0
1
5.0
2.5
5.3
5
BZT52C8V2
WD
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
5
BZT52C9V1
WE
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
5
BZT52C10
WF
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
5
BZT52C11
WG
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
5
BZT52C12
WH
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
5
BZT52C13
WI
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
5
BZT52C15
WJ
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
5
BZT52C16
WK
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
5
BZT52C18
WL
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
5
BZT52C20
WM
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
5
BZT52C22
WN
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
5
BZT52C24
WO
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
5
BZT52C27
WP
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
2
BZT52C30
WQ
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
2
BZT52C33
WR
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
2
BZT52C36
WS
36
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
2
BZT52C39
WT
39
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
2
BZT52C43
WU
43
40.0
46.0
5
100
700
1.0
0.1
32
10.0
12.0
5
BZT52C2V4-43
RoHS
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.,LTD


Similar Part No. - BZT52C10

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C10 TSC-BZT52C10 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Diodes Incorporated
BZT52C10 DIODES-BZT52C10 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Galaxy Semi-Conductor H...
BZT52C10 BILIN-BZT52C10 Datasheet
203Kb / 5P
   Surface mount zener diode
logo
Guangdong Kexin Industr...
BZT52C10 KEXIN-BZT52C10 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
BZT52C10 CHENDA-BZT52C10 Datasheet
902Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C10

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5221BW SKTECHNOLGY-MMBZ5221BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
SHENZHEN YONGERJIA INDU...
BZX84C2V4 WINNERJOIN-BZX84C2V4 Datasheet
435Kb / 5P
   Planar Die Construction.
MMSZ5221B WINNERJOIN-MMSZ5221B Datasheet
130Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
PJZ4V3XBWS PANJIT-PJZ4V3XBWS Datasheet
107Kb / 5P
   Planar Die construction
logo
SHIKUES Electronics
MMBZ5221B SKTECHNOLGY-MMBZ5221B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZT52C2V0 LEIDITECH-BZT52C2V0 Datasheet
466Kb / 4P
   Planar die construction
logo
SHIKUES Electronics
MMBZ5221BS SKTECHNOLGY-MMBZ5221BS Datasheet
856Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
BZT52C4V3S-7 DIODES-BZT52C4V3S-7 Datasheet
88Kb / 4P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZX84C2V4 LEIDITECH-BZX84C2V4 Datasheet
1Mb / 5P
   Planar Die Construction
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
   Epitaxial Planar Die Construction
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com