Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6084 Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # LTC6084
Description  Dual/Quad 1.5MHz, Rail-to-Rail, CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC6084 Datasheet(HTML) 2 Page - Linear Integrated Systems

  LTC6084 Datasheet HTML 1Page - Linear Integrated Systems LTC6084 Datasheet HTML 2Page - Linear Integrated Systems LTC6084 Datasheet HTML 3Page - Linear Integrated Systems LTC6084 Datasheet HTML 4Page - Linear Integrated Systems LTC6084 Datasheet HTML 5Page - Linear Integrated Systems LTC6084 Datasheet HTML 6Page - Linear Integrated Systems LTC6084 Datasheet HTML 7Page - Linear Integrated Systems LTC6084 Datasheet HTML 8Page - Linear Integrated Systems LTC6084 Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC6084/LTC6085
2
60845fa
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V) ...................................6V
Input Voltage...................................................... Vto V+
Input Current........................................................±10mA
SHDNA/SHDNB Voltage.....................................Vto V+
Output Short-Circuit Duration (Note 2) ............ Indefinite
Operating Temperature Range (Note 3)
LTC6084C/LTC6085C ........................... –40°C to 85°C
LTC6084H/LTC6085H......................... –40°C to 125°C
(Note 1)
1
2
3
4
OUTA
–INA
+INA
V
8
7
6
5
V+
OUTB
–INB
+INB
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
A
B
TJMAX = 150°C, θJA = 200°C/W
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
V+
OUTB
–INB
+INB
SHDNB
OUTA
–INA
+INA
V–
SHDNA
A
B
11
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 11) IS V, MUST BE SOLDERED TO PCB
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
OUTD
–IND
+IND
V
+INC
–INC
OUTC
NC
+
+
A
BC
D
TJMAX = 150°C, θJA = 110°C/W
16
15
14
13
12
11
10
9
17
1
2
3
4
5
6
7
8
OUTD
–IND
+IND
V
+INC
–INC
OUTC
NC
OUTA
–INA
+INA
V+
+INB
–INB
OUTB
NC
TOP VIEW
DHC PACKAGE
16-LEAD (5mm × 3mm) PLASTIC DFN
+
+
A
BC
D
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 17) IS V, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6084CMS8#PBF
LTC6084CMS8#TRPBF
LTDNG
8-Lead Plastic MSOP
0°C to 70°C
LTC6084HMS8#PBF
LTC6084HMS8#TRPBF
LTDNG
8-Lead Plastic MSOP
–40°C to 125°C
LTC6084CDD#PBF
LTC6084CDD#TRPBF
LDNH
10-Lead (3mm
× 3mm) Plastic DFN
0°C to 70°C
LTC6084HDD#PBF
LTC6084HDD#TRPBF
LDNH
10-Lead (3mm
× 3mm) Plastic DFN
–40°C to 125°C
Specified Temperature Range (Note 4)
LTC6084C/LTC6085C ............................... 0°C to 70°C
LTC6084H/LTC6085H........................... –40°C to 125°
Junction Temperature ........................................... 150°C
Storage Temperature Range................... –65°C to 125°C
Lead Temperature (Soldering, 10 sec)
MS8, GN Only ................................................... 300°C
ORDER INFORMATION


Similar Part No. - LTC6084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6084 LINER-LTC6084 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LTC6084CDD-PBF LINER-LTC6084CDD-PBF Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6084CDD-TRPBF LINER-LTC6084CDD-TRPBF Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
More results

Similar Description - LTC6084

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6085 LINER-LTC6085_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6084 LINER-LTC6084_15 Datasheet
247Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifiers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
   Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6088 LINER-LTC6088_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6087CDD LINEAR-LTC6087CDD Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087_15 Datasheet
312Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Integrated Syste...
LTC6088CDHC LINEAR-LTC6088CDHC Datasheet
263Kb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifiers
logo
Linear Technology
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
   Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
logo
STMicroelectronics
TS914IDT STMICROELECTRONICS-TS914IDT Datasheet
1Mb / 17P
   Rail-to-rail CMOS quad operational amplifier
logo
Advanced Linear Devices
ALD4704A ALD-ALD4704A Datasheet
62Kb / 6P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com