Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZM55C12 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZM55C12
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZM55C12 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZM55C12 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZM55C12 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZM55C12 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZM55C12 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZM55C12 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
WEJ
ELECTRONIC
CO.,LTD
Zener diode
Features
1. Saving space
2. Fits onto SOD 323/SOT 23 footprints
3. Micro Melf package
Applications
Voltage stabilization
Construction
Silicon epitaxial planar
Absolute Maximum Ratings
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Value
Unit
Power dissipation
RthJA≦300K/W
PV
500
mW
Z-current
IZ
PV/VZ
mA
Junction temperature
Tj
175
Storage temperature range
Tstg
-65~+175
Maximum Thermal Resistance
Tj=25℃
Parameter
Test Conditions
Symbol
Value
Unit
Junction ambient
on PC board 50mm×50mm×1.6mm
RthJA
500
K/W
Electrical Characteristics
Tj=25℃
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA
VF
1.5
V
BZM55C2V0-BZM55C75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BZM55C12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZM55C12 VISHAY-BZM55C12 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Continental Device Indi...
BZM55C12 CDIL-BZM55C12 Datasheet
191Kb / 4P
   SILIICON PLANAR ZENER DIODES
logo
Weitron Technology
BZM55C12 WEITRON-BZM55C12 Datasheet
305Kb / 5P
   Surface Mount Zener Diodes
logo
Vishay Siliconix
BZM55C12 VISHAY-BZM55C12 Datasheet
152Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 10-Mar-06
logo
Rectron Semiconductor
BZM55C12 RECTRON-BZM55C12 Datasheet
460Kb / 5P
   SURFACE MOUNT ZENER DIODE VOLTAGE RANGE 2.4 to 47 Volts POWER RATING 500 mWatts
More results

Similar Description - BZM55C12

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com