Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX55C47 Datasheet(PDF) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZX55C47
Description  Zener diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZX55C47 Datasheet(HTML) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZX55C47 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX55C47 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
WEJ
ELECTRONIC
CO.,LTD
Dimensions in mm
Type No.
3)
Cathode identification
φ
2.0 max.
φ
0.55 max.
4.2 max.
26 min.
26 min.
Cathode
Anode
B
5
5
Z
5
V
X
C
1
Standard Glass Case
JEDEC DO 35
3) Type No.
BZX55 C 5V1
Series name
Tighter tolerances available request:
A ------±1% of VZnom
B ------±2% of VZnom
C ------±5% of VZnom
Zener Voltage (VZnom), for example:
5V1 ------ 5.1V
12 ------ 12V
B
ZX55C2V0-BZX55C75
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BZX55C47

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
BZX55C47 CHENDA-BZX55C47 Datasheet
695Kb / 3P
   Low zener impedance
logo
Vishay Siliconix
BZX55C47 VISHAY-BZX55C47 Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
RFE international
BZX55C47 RFE-BZX55C47 Datasheet
1Mb / 2P
   Zener Diodes BZX Series
06-06-2022
logo
Rectron Semiconductor
BZX55C47 RECTRON-BZX55C47 Datasheet
196Kb / 5P
   SILICON PLANAR ZENER DIODE
logo
Gaomi Xinghe Electronic...
BZX55C47 GXELECTRONICS-BZX55C47 Datasheet
102Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - BZX55C47

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com