Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXP1XGGI2C00055G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TXP1XGGI2C00055G
Description  Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGGI2C00055G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TXP1XGGI2C00055G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 6Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 7Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 8Page - OPLINK Communications Inc. TXP1XGGI2C00055G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
An Oplink Company
S0120. Rev.03. 2011-05-11
Pb
TXP1XGGI2xx
The TXP1XGGI2xx DWDM XFP multi-rate fiber optic transceivers with digital
diagnostics monitoring functionality provide a quick and reliable interface
for 40km 10Gbps DWDM applications. The diagnostic functions, alarm and
warning features as described in the XFP Multi-Source Agreement (MSA) are
provided via standard I2C serial interface. The transceivers are compliant with
the XFP Multi-Source Agreement and are designed to support SONET/SDH,
10G Ethernet, and 10G Fiber Channel data rates from 9.95Gb/s to 11.09Gb/s.
Each transceiver utilizes an electro-absorption modulator integrated laser with
an operating wavelength in full compliance with 100GHz (0.8nm) spacing
per the ITU-grid. The transceivers satisfy Class I Laser Safety requirements in
accordance with the U.S. FDA/CDRH and international IEC-60825 standards.
The transceivers connect to standard 30-pad XFP connectors for hot plug
capability. This allows the system designer to make configuration changes or
maintenance by simply plugging in different types of transceivers without
removing the power supply from the host system.
The transmitter and receiver DATA interfaces are AC coupled Current Mode
Logic (CML). LV-TTL Transmitter Disable control input and Loss of Signal output
interfaces are also provided.
The transceivers operate from +1.8V, +3.3V and +5.0V power supplies over a
operating case temperature range of -5°C to +70°C (Commercial), -5°C to +85°C
(Extended), or -40°C to +85°C (Industrial).
Product Description
Lead Free Design & Fully RoHS Compliant
Compliant with XFP MSA
Compliant with OC-192/STM-64
Compliant with ITU-T G.709
Support DWDM 10G Ethernet Applications
Support 10G Fiber Channel Applications
Digital Diagnostics Monitoring
Temperature-stabilized EML Transmitter
Low Power Consumption
Wide Case Operating Temperature Range
Transmission Distance up to 40km
Features
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
Commercial
T
OP
- 5
+ 70
°C
Extended
- 5
+ 85
Industrial
- 40
+ 85
Supply Voltage
V
CC2
0
+ 2.0
V
V
CC3
- 0.2
+ 3.6
V
CC5
- 0.2
+ 6.0
Operating Relative Humidity 2
RH
0
85
%
Input Voltage
V
IN
0
V
CC
V
1
Case temperature is measured on top side of XFP module.
2
Non condensing
Absolute Maximum Ratings
Multi-rate 10-Gigabit DWDM 40km XFP
Transceivers with Digital Diagnostics


Similar Part No. - TXP1XGGI2C00055G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGGI2C000E2G OPLINK-TXP1XGGI2C000E2G Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
More results

Similar Description - TXP1XGGI2C00055G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2XX-0959 OPLINK-TXP1XGHL2XX-0959 Datasheet
518Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
logo
Finisar Corporation.
FTLX3612M3 FINISAR-FTLX3612M3 Datasheet
226Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
FTLX3613M316 FINISAR-FTLX3613M316 Datasheet
237Kb / 13P
   40km Multi-Rate DWDM XFP Optical Transceiver
logo
OPLINK Communications I...
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com