Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TXP1XGHL2I00042G Datasheet(PDF) 7 Page - OPLINK Communications Inc.

Part # TXP1XGHL2I00042G
Description  Multi-rate 10-Gigabit DWDM 80km XFP Transceivers with Digital Diagnostics
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TXP1XGHL2I00042G Datasheet(HTML) 7 Page - OPLINK Communications Inc.

  TXP1XGHL2I00042G Datasheet HTML 1Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 2Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 3Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 4Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 5Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 6Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 7Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 8Page - OPLINK Communications Inc. TXP1XGHL2I00042G Datasheet HTML 9Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Oplink Communications, Inc
7
21737-0959. Rev.07. 2010-05-11
TXP1XGHL2xx
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TXP1XGHL2E00061G
- 5°C to +85°C
Extended
1528.77
196.1
61
80km
TXP1XGHL2E00060G
- 5°C to +85°C
Extended
1529.55
196.0
60
80km
TXP1XGHL2E00059G
- 5°C to +85°C
Extended
1530.33
195.9
59
80km
TXP1XGHL2E00058G
- 5°C to +85°C
Extended
1531.12
195.8
58
80km
TXP1XGHL2E00057G
- 5°C to +85°C
Extended
1531.90
195.7
57
80km
TXP1XGHL2E00056G
- 5°C to +85°C
Extended
1532.68
195.6
56
80km
TXP1XGHL2E00055G
- 5°C to +85°C
Extended
1533.47
195.5
55
80km
TXP1XGHL2E00054G
- 5°C to +85°C
Extended
1534.25
195.4
54
80km
TXP1XGHL2E00053G
- 5°C to +85°C
Extended
1535.04
195.3
53
80km
TXP1XGHL2E00052G
- 5°C to +85°C
Extended
1535.82
195.2
52
80km
TXP1XGHL2E00051G
- 5°C to +85°C
Extended
1536.61
195.1
51
80km
Model Name
Operating Temperature
Center
Wavelength
(nm)
ITU
Frequency
(THz)
Wavelength
Reference
Distance
TXP1XGHL2C00045G
- 5°C to +70°C
Commercial
1541.35
194.5
45
80km
TXP1XGHL2C00044G
- 5°C to +70°C
Commercial
1542.14
194.4
44
80km
TXP1XGHL2C00043G
- 5°C to +70°C
Commercial
1542.94
194.3
43
80km
TXP1XGHL2C00042G
- 5°C to +70°C
Commercial
1543.73
194.2
42
80km
TXP1XGHL2C00041G
- 5°C to +70°C
Commercial
1544.53
194.1
41
80km
TXP1XGHL2C00040G
- 5°C to +70°C
Commercial
1545.32
194.0
40
80km
TXP1XGHL2C00039G
- 5°C to +70°C
Commercial
1546.12
193.9
39
80km
TXP1XGHL2C00038G
- 5°C to +70°C
Commercial
1546.92
193.8
38
80km
TXP1XGHL2C00037G
- 5°C to +70°C
Commercial
1547.72
193.7
37
80km
TXP1XGHL2C00036G
- 5°C to +70°C
Commercial
1548.51
193.6
36
80km
TXP1XGHL2C00035G
- 5°C to +70°C
Commercial
1549.32
193.5
35
80km
TXP1XGHL2C00034G
- 5°C to +70°C
Commercial
1550.12
193.4
34
80km
TXP1XGHL2C00033G
- 5°C to +70°C
Commercial
1550.92
193.3
33
80km
TXP1XGHL2C00032G
- 5°C to +70°C
Commercial
1551.72
193.2
32
80km
TXP1XGHL2C00031G
- 5°C to +70°C
Commercial
1552.52
193.1
31
80km
TXP1XGHL2C00030G
- 5°C to +70°C
Commercial
1553.33
193.0
30
80km
TXP1XGHL2C00029G
- 5°C to +70°C
Commercial
1554.13
192.9
29
80km
TXP1XGHL2C00028G
- 5°C to +70°C
Commercial
1554.94
192.8
28
80km
TXP1XGHL2C00027G
- 5°C to +70°C
Commercial
1555.75
192.7
27
80km
TXP1XGHL2C00026G
- 5°C to +70°C
Commercial
1556.55
192.6
26
80km
TXP1XGHL2C00025G
- 5°C to +70°C
Commercial
1557.36
192.5
25
80km
TXP1XGHL2C00024G
- 5°C to +70°C
Commercial
1558.17
192.4
24
80km
TXP1XGHL2C00023G
- 5°C to +70°C
Commercial
1558.98
192.3
23
80km
TXP1XGHL2C00022G
- 5°C to +70°C
Commercial
1559.79
192.2
22
80km
TXP1XGHL2C00021G
- 5°C to +70°C
Commercial
1560.61
192.1
21
80km
TXP1XGHL2C00020G
- 5°C to +70°C
Commercial
1561.42
192.0
20
80km
TXP1XGHL2C00019G
- 5°C to +70°C
Commercial
1562.23
191.9
19
80km
TXP1XGHL2C00018G
- 5°C to +70°C
Commercial
1563.05
191.8
18
80km
TXP1XGHL2C00017G
- 5°C to +70°C
Commercial
1563.86
191.7
17
80km


Similar Part No. - TXP1XGHL2I00042G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2I000E2G OPLINK-TXP1XGHL2I000E2G Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
More results

Similar Description - TXP1XGHL2I00042G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TXP1XGHL2X-S0125 OPLINK-TXP1XGHL2X-S0125 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 80km Transceivers with Digital Diagnostics
TXP1XGGI2XX-S0120 OPLINK-TXP1XGGI2XX-S0120 Datasheet
517Kb / 9P
   Multi-rate 10-Gigabit DWDM 40km XFP Transceivers with Digital Diagnostics
TXP3XGHL2X OPLINK-TXP3XGHL2X Datasheet
700Kb / 6P
   Multi-rate 10-Gigabit 80km XFP Transceivers
TXD3XGHL2XX OPLINK-TXD3XGHL2XX Datasheet
858Kb / 9P
   Multi-rate 10-Gigabit DWDM 80km XFP Transceiver
TXP1XGGI2X-S0131 OPLINK-TXP1XGGI2X-S0131 Datasheet
406Kb / 6P
   Multi-rate 10-Gigabit XFP 40km Transceiverswith Digital Diagnostics
TXP3XGGI2X OPLINK-TXP3XGGI2X Datasheet
756Kb / 6P
   Multi-rate 10-Gigabit 40km XFP Transceivers
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPAG1LXDBBM OPLINK-TRPAG1LXDBBM Datasheet
523Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPEG1EEXC000E2G OPLINK-TRPEG1EEXC000E2G Datasheet
348Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital Diagnostics
TRPCG1CLXC000E2G OPLINK-TRPCG1CLXC000E2G Datasheet
541Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers with Digital DiaGnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com