Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7263SRHBR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7263SRHBR
Description  Dual, 1MSPS, 16-/14-/12-Bit, 4 2 or 2 2 Channel, Simultaneous Sampling Analog-to-Digital Converter
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7263SRHBR Datasheet(HTML) 5 Page - Texas Instruments

  ADS7263SRHBR Datasheet HTML 1Page - Texas Instruments ADS7263SRHBR Datasheet HTML 2Page - Texas Instruments ADS7263SRHBR Datasheet HTML 3Page - Texas Instruments ADS7263SRHBR Datasheet HTML 4Page - Texas Instruments ADS7263SRHBR Datasheet HTML 5Page - Texas Instruments ADS7263SRHBR Datasheet HTML 6Page - Texas Instruments ADS7263SRHBR Datasheet HTML 7Page - Texas Instruments ADS7263SRHBR Datasheet HTML 8Page - Texas Instruments ADS7263SRHBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
ADS8363
ADS7263
ADS7223
www.ti.com
SBAS523B – OCTOBER 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS: GENERAL (continued)
All minimum/maximum specifications at TA = –40°C to +125°C, specified supply voltage range, VREF = 2.5V (int), and tDATA =
1MSPS, unless otherwise noted. Typical values are at TA = +25°C, AVDD = 5V, and DVDD = 3.3V.
ADS8363, ADS7263, ADS7223
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERNAL VOLTAGE REFERENCE
Resolution
Reference output DAC resolution
10
Bits
Over 20% to 100% DAC range
0.2VREFOUT
VREFOUT
V
VREFOUT
Reference output voltage
REFIO1, DAC = 3FFh,
2.485
2.500
2.515
V
REFIO2, DAC = 3FFh
2.480
2.500
2.520
V
dVREFOUT/dT
Reference voltage drift
±10
ppm/°C
DNLDAC
DAC differential linearity error
–4
±1
4
LSB
INLDAC
DAC integral linearity error
–4
±0.5
4
LSB
VOSDAC
DAC offset error
VREFOUT = 0.5V
–4
±1
4
LSB
PSRR
Power-supply rejection ratio
73
dB
IREFOUT
Reference output dc current
–2
+2
mA
Reference output short-circuit
IREFSC
50
mA
current(1)
tREFON
Reference output settling time
CREF= 22mF
8
ms
VOLTAGE REFERENCE INPUT
VREF
Reference input voltage range
0.5
2.5
2.525
V
IREF
Reference input current
50
mA
External ceramic reference
CREF
22
mF
capacitance
DIGITAL INPUTS(2)
IIN
Input current
VIN = DVDD to DGND
–50
+50
nA
CIN
Input capacitance
5
pF
Logic family
CMOS with Schmitt-Trigger
VIH
High-level input voltage
DVDD = 4.5V to 5.5V
0.7DVDD
DVDD + 0.3
V
VIL
Low-level input voltage
DVDD = 4.5V to 5.5V
–0.3
0.3DVDD
V
Logic family
LVCMOS
VIH
High-level input voltage
DVDD = 2.3V to 3.6V
2
DVDD + 0.3
V
VIL
Low-level input voltage
DVDD = 2.3V to 3.6V
–0.3
0.8
V
DIGITAL OUTPUTS(2)V
COUT
Output capacitance
5
pF
CLOAD
Load capacitance
30
pF
Logic family
CMOS
VOH
High-level output voltage
DVDD = 4.5V, IOH = –100µA
4.44
V
VOL
Low-level output voltage
DVDD = 4.5V, IOH = +100µA
0.5
V
Logic family
LVCMOS
VOH
High-level output voltage
DVDD = 2.3V, IOH = –100µA
DVDD – 0.2
V
VOL
Low-level output voltage
DVDD = 2.3V, IOH = +100µA
0.2
V
(1)
Reference output current is not internally limited.
(2)
Specified by design; not production tested.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS8363 ADS7263 ADS7223


Similar Part No. - ADS7263SRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7263 TI-ADS7263 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7263 TI1-ADS7263 Datasheet
844Kb / 50P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
More results

Similar Description - ADS7263SRHBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8363 TI1-ADS8363_14 Datasheet
844Kb / 50P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4횞2 or 2횞2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS8363 TI-ADS8363 Datasheet
1Mb / 51P
[Old version datasheet]   Dual, 1MSPS, 16-/14-/12-Bit, 4x2 or 2x2 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI-ADS7865 Datasheet
694Kb / 30P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
ADS7865 TI1-ADS7865_14 Datasheet
779Kb / 33P
[Old version datasheet]   Dual, 12-Bit, 33 or 22 Channel, Simultaneous Sampling Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS7861 BURR-BROWN-ADS7861 Datasheet
226Kb / 15P
   Dual, 500kHz, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7861 TI1-ADS7861_14 Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7861 TI1-ADS7861_16 Datasheet
1Mb / 32P
[Old version datasheet]   Dual, 500kSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7863 BURR-BROWN-ADS7863 Datasheet
663Kb / 30P
   Dual, 1.5MSPS, 12-Bit, 2 2 Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7862 BURR-BROWN-ADS7862 Datasheet
159Kb / 13P
   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7862 TI1-ADS7862_14 Datasheet
932Kb / 21P
[Old version datasheet]   Dual 500kHz, 12-Bit, 2 2 Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com