Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR251 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BR251
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BR251 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BR251 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BR251 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
AVERAGE OUTPUT CURRENT,
FIG.6-MAXIMUM POWER DISSIPATION
Capacitive
j j max
REVRESE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
10
0.1
1.0
=50mV
j
V
T =25 ° C
f=1MHz
sig
p-p
100
1000
10
100
0
0
10
5
40
20
80
60
Load
T =T
100
25
20
15
30
35
Load
Inductive
Resistive
or
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
FIG.4-TYPICAL REVERSE
NUMBER OF CYCLES AT 60 Hz
FORWARD SURGE CURRENT PER ELEMENT
(JEDEC Method)
=T
8.3ms Single Half Sine-Wave
FIG.2-MAXIMUM NON-REPETITIVE PEAK
CHARACTERISTICS
T =100 ° C
T =25 ° C
1%Duty Cycle
Pulse Width=300uS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
FIG.3-TYPICAL FORWARD CHARACTERISTICS
PER BRIDGE ELEMENT
INSTANTANEOUS FORWARD VOLTAGE,(V)
T =25 ° C
CASE TEMPERATURE, ( ° C)
0.01
0.1
1.0
10
j
75
50
0
25
100
Load
Half Wave 60Hz
Inductive or Resistive
Single Phase
10
0
20
j
0.1
0.01
20
0
40
10
1.0
j
150
125
100
5"x 6"x 4.9" Thick
(12.8 x 15.2 x 12.4cm)
AL.Finned Plate
175
0
100
1
100
300
200
1 Cycle
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
30
Heat Sink Mounting
60
80
100
140
120
10
100
j max
j
T
PER BRIDGE ELEMENT
PER BRIDGE ELEMENT
(A)
BR2505-2510
Tel: 0755-8324 8022 Fax 0755-8324 9522 Http:// www.wej.cn
SHEN ZHEN YONG ER JIA ELECTRONIC CO.,LTD.
RoHS


Similar Part No. - BR251

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR251 RECTRON-BR251 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
BR251 DCCOM-BR251 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
BR251 ETC-BR251 Datasheet
124Kb / 2P
   25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
BR251 MIC-BR251 Datasheet
103Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
BR251 CHONGQING-BR251 Datasheet
43Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - BR251

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com