Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR84 Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BR84
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BR84 Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BR84 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BR84 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
8.3ms Single Half Sine-Wave
5.5" X 6.0" X 0.11"
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.1
100
REVRESE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
100
10
T =25 ° C
=50mV
f=1MHz
sig
V
j
1.0
p-p
1000
10
Pulse Width=300uS
1% Duty Cycle
0.1
0.01
0.4
0.6
0.8
1.0
1.0
10
1.2
1.4
1.6
1.8
PER BRIDGE ELEMENT
FORWARD CHARACTERISTICS
Am
bie
nt
Te
mp
era
tur
e
Copper Pads
Case
Tempera
ture
TEMPERATURE, ( ° C)
50
0
25
75
FIG.3-TYPICAL
100
2.0
4.0
8.0
(12mm X 12mm)
0.47" X 0.47"
Mounting.
0.375"(9.5mm)
P.C.B
0
Lead Length
100
150
125
175
TA
AL.Plate.
(14 X 15 X 0.3cm)
TC
120
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
0.01
0
40
20
80
60
100
0.1
1.0
j
T =25 ° C
140
CHARACTERISTICS
j max
NUMBER OF CYCLES AT 60 Hz
0
PER BRIDGE ELEMENT
FIG.4-TYPICAL REVERSE
10
1
2
4
6
8
10
40
20
50
1 Cycle
100
(JEDEC Method)
=T
Tj
60
80 100
OUTPUT RECTIFIED CURRENT
FIG.1-DERATING CURVE FOR
12
Resistive or
Inductive Load
60Hz
Mounting.
Heat-Sink
FORWARD SURGE CURRENT PER ELEMENT
FIG.2-MAXIMUM NON-REPETITIVE PEAK
150
j
T =25 ° C
BR805-810
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BR84

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR84 RECTRON-BR84 Datasheet
22Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BR84 PFS-BR84 Datasheet
223Kb / 2P
   High forward surge current capability
logo
Bytes
BR84 BYTES-BR84 Datasheet
145Kb / 2P
   SINGLE PHASE 8.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Luguang Electr...
BR84 LUGUANG-BR84 Datasheet
154Kb / 2P
   Silicon Bridge Rectifiers
logo
Dc Components
BR84 DCCOM-BR84 Datasheet
383Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
More results

Similar Description - BR84

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com