Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME385-12 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME385-12
Description  Micropower Voltage Reference Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385-12 Datasheet(HTML) 1 Page - Analog Microelectronics

  AME385-12 Datasheet HTML 1Page - Analog Microelectronics AME385-12 Datasheet HTML 2Page - Analog Microelectronics AME385-12 Datasheet HTML 3Page - Analog Microelectronics AME385-12 Datasheet HTML 4Page - Analog Microelectronics AME385-12 Datasheet HTML 5Page - Analog Microelectronics AME385-12 Datasheet HTML 6Page - Analog Microelectronics AME385-12 Datasheet HTML 7Page - Analog Microelectronics AME385-12 Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Analog Microelectronics, Inc.
1
AME385-1.2
Micropower Voltage Reference Diode
n
n
n
n
n General Description
The AME385-1.2 is a micropower 2-terminal band-gap
voltage regulator diode. It operates over a 15
µA to 20mA
current range. Each circuit is trimmed at wafer sort to
provide a
±0.2% and ±0.5% initial tolerance. The de-
sign of the AME385-1.2 allows for a large range of load
capacitances and operating currents. The low start-up
current makes these part ideal for battery applications.
Analog Microelectronics offers this part in a TO-92 and
SO-8 packages as well as the space saving SOT-23.
n
n
n
n
n Key Features
l Small packages: SOT-23, TO-92, SO-8
l Tolerates capacitive loads
l Fixed reverse breakdown voltage of 1.235V
l Tight voltage tolerance ---------- ±0.20%, ±0.5%
l Wide operating current ---------- 15µA to 20mA
l Wide temperature range -------- -40oC to +85oC
l Low temperature coefficient --- 100ppm/oC (max)
l Excellent transient response
n
n
n
n
n Typical Application
n
n
n
n
n Applications
l Portable electronics
l Power supplies
l Computer peripherals
l Data acquisition systems
l Battery chargers
l Consumer electronics
n
n
n
n
n Functional Block Diagram
GND
VR
B andgap
Cell
Feedbac k
Current
S hunt
V S
1000pF
V alue optional
I
RS =
V R = 1.235V
VR
VS - VR
RS
I


Similar Part No. - AME385-12

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385-1.2 AME-AME385-1.2 Datasheet
183Kb / 14P
   Shunt Bandgap Voltage Reference
More results

Similar Description - AME385-12

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com