Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC557C Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BC557C
Description  TRANSISTOR (PNP)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC557C Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC557C Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
BC556, B
BC557, A, B, C
TRANSISTOR (PNP)
BC558, B
FEATURES
Power dissipation
PCM:
0.625
W (Tamb=25
℃)
Collector current
ICM:
-0.1
A
Collector-base voltage
VCBO:
BC556
-80
V
BC557
-50
V
BC558
-30
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BC556
BC557
BC558
VCBO
Ic= -100µA, IE=0
-80
-50
-30
V
Collector-emitter breakdown voltage
BC556
BC557
BC558
VCEO
IC= -2mA , IB=0
-65
-45
-30
V
Emitter-base breakdown voltage
VEBO
IE= -100µA, IC=0
-6
V
Collector cut-off current
BC556
BC557
BC558
ICBO
VCB=- 70 V, IE=0
VCB= -45 V, IE=0
VCB= -25V, IE=0
-0.1
µA
Collector cut-off current
BC556
BC557
BC558
ICEO
VCE= -60 V, IB=0
VCE= -40 V, IB=0
VCE= -25 V, IB=0
-0.1
µA
Emitter cut-off current
BC556
BC557
BC558
IEBO
VEB= -5 V, IC=0
-0.1
µA
DC current gain
BC556
BC557
BC558
BC557A
BC556B/BC557B/BC558B
BC557C
hFE(1)
VCE=-5V, IC= -2mA
120
120
120
120
180
420
500
800
800
220
460
800
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB= -5mA
-0.3
V
Base-emitter saturation voltage
VBE(sat)
IC= -100mA, IB=-5mA
-1
V
Transition frequency
f T
VCE= -5V, IC= -10mA
f = 100MHz
150
MHz
1 2 3
TO-92
1. COLLECTOR
2. BASE
3. EMITTER
BC556B/57ABC/58B
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BC557C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC557C MOTOROLA-BC557C Datasheet
220Kb / 6P
   Amplifier Transistors
logo
Allied Components Inter...
BC557C ALLIED-BC557C Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
ON Semiconductor
BC557C ONSEMI-BC557C Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Continental Device Indi...
BC557C CDIL-BC557C Datasheet
358Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
NXP Semiconductors
BC557C PHILIPS-BC557C Datasheet
47Kb / 8P
   PNP general purpose transistors
1999 Apr 15
More results

Similar Description - BC557C

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BC807U JIANGSU-BC807U Datasheet
1Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
BC856S JIANGSU-BC856S Datasheet
288Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT2907A JIANGSU-MMDT2907A Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
MMDT5401 JIANGSU-MMDT5401 Datasheet
4Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
BC857S JIANGSU-BC857S Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
UMT2N JIANGSU-UMT2N Datasheet
1Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
logo
Shenzhen Jin Yu Semicon...
EMB3 HTSEMI-EMB3 Datasheet
551Kb / 1P
   DIGITAL TRANSISTOR (PNP PNP)
logo
Jiangsu Changjiang Elec...
BC857BV JIANGSU-BC857BV Datasheet
828Kb / 4P
   DUAL TRANSISTOR (PNPPNP)
EMZ8 JIANGSU-EMZ8 Datasheet
4Mb / 3P
   DUAL TRANSISTOR (PNPPNP)
2SA1873 JIANGSU-2SA1873 Datasheet
934Kb / 3P
   DUAL TRANSISTOR (PNPPNP)
MMDT3906 JIANGSU-MMDT3906 Datasheet
3Mb / 4P
   DUAL TRANSISTOR (PNPPNP)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com