Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP16323T-500E Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP16323T-500E
Description  18V Input, 3A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16323T-500E Datasheet(HTML) 2 Page - Microchip Technology

  MCP16323T-500E Datasheet HTML 1Page - Microchip Technology MCP16323T-500E Datasheet HTML 2Page - Microchip Technology MCP16323T-500E Datasheet HTML 3Page - Microchip Technology MCP16323T-500E Datasheet HTML 4Page - Microchip Technology MCP16323T-500E Datasheet HTML 5Page - Microchip Technology MCP16323T-500E Datasheet HTML 6Page - Microchip Technology MCP16323T-500E Datasheet HTML 7Page - Microchip Technology MCP16323T-500E Datasheet HTML 8Page - Microchip Technology MCP16323T-500E Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MCP16323
DS22284A-page 2
© 2011 Microchip Technology Inc.
Package Type
Typical Applications
2
MCP16323
3x3 QFN*
VIN
SGND
SW
SW
VIN
BOOST
EN
VIN
EP
16
1
15 14 13
3
4
12
11
10
9
567
8
17
* Includes Exposed Thermal Pad (EP); see Table 3-1.
SGND
PGND
SW
VFB
VIN
EN
BOOST
VIN
6.0V to 18V
CBOOST
22 nF
L1
4.7 µH
CIN
2x10 µF
COUT
2x22 µF
VOUT
3.3V @ 3A
PG
VOUT
10
SGND
PGND
SW
VFB
VIN
EN
BOOST
VIN
6.0V to 18V
CBOOST
22 nF
L1
4.7 µH
CIN
2x10 µF
COUT
2x22 µF
VOUT
4.2V @ 3A
10
36.5
PG
VOUT
10
Typical Application with Fixed Output Voltage
Typical Application with Adjustable Output Voltage


Similar Part No. - MCP16323T-500E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323T-500E/NG MICROCHIP-MCP16323T-500E/NG Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
More results

Similar Description - MCP16323T-500E

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP16323 MICROCHIP-MCP16323_16 Datasheet
677Kb / 32P
   18V Input, 3A Output, High Efficiency Synchronous Buck Regulator
07/14/15
MCP16321 MICROCHIP-MCP16321_13 Datasheet
1Mb / 34P
   24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
ACE Technology Co., LTD...
ACE7268N ACE-ACE7268N Datasheet
192Kb / 3P
   High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.1
ACE7266N ACE-ACE7266N Datasheet
196Kb / 3P
   High Efficiency, 500kHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.5
ACE7238N ACE-ACE7238N Datasheet
199Kb / 3P
   High Efficiency, 1MHz, 3A, 18V Input Synchronous Step Down Regulator
VER 1.2
logo
Intersil Corporation
ISL85005 INTERSIL-ISL85005 Datasheet
1Mb / 22P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
November 28, 2016
logo
Renesas Technology Corp
ISL85005 RENESAS-ISL85005 Datasheet
1Mb / 23P
   4.5V to 18V Input, 5A High Efficiency Synchronous Buck Regulator
logo
Sanken electric
NR120E SANKEN-NR120E Datasheet
759Kb / 13P
   3A, 18V, Buck Regulator
logo
Texas Instruments
TPS40192 TI-TPS40192 Datasheet
714Kb / 35P
[Old version datasheet]   4.5V TO 18V INPUT 10 PIN SYNCHRONOUS BUCK CONTROLLER WITH POWER GOOD
logo
Shenzhenshi YONGFUKANG ...
NS6316 YONGFUKANG-NS6316 Datasheet
1Mb / 10P
   4-30V Input 3A Output Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com