Electronic Components Datasheet Search |
|
GR70271XR50BE01L Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd. |
|
GR70271XR50BE01L Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd. |
8 / 221 page Selection Guide For Chip Monolithic Ceramic Capacitors 6 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. GRM (X5R, X7R, Y5V etc.) 68pF–100 µF GNM 10pF–2.2 µF GRM (C0G) 0.1pF–0.1 µF GRM (U2J etc.) LLL 2200pF–10 µF LLA/LLM (From 1GHz) 0.01 µF–4.7µF GJM (500MHz to 10GHz) 0.1pF–33pF GQM (500MHz to 10GHz) 0.1pF–100pF GMA 100pF–0.47 µF GMD 100pF–1 µF GRM (C0G, U2J) 10pF–10000pF GRM (C0G) 5pF–47pF GRM (X7R) 220pF–1 µF GR7 10000pF–47000pF GR4 100pF–10000pF Type GD 10pF–4700pF Type GF 10pF–4700pF Type GC 100pF–330pF Type GF 470pF–4700pF Type GB 10000pF–56000pF GA2 470pF–0.1 µF GCM (X7R etc.) 100pF–47 µF GCM (C0G etc.) 1.0pF–56000pF High Capacitance Array (2 or 4 Elements) Class 1 TC's Low Inductance (Reverse Geometry) LLR 1.0 µF Low Inductance (Controlled ESR) Low Inductance (Multi-Termination) Low ESR, Ultra Small Lowest ESR Wire-Die-Bonding 250V/630V/1kV/2kV/3.15kV Low Dissipation 3.15kV Low Dissipation 250V/630V/1kV High Capacitance GRJ (X7R) 470pF–1 µF 250V/630V/1kV Soft Termination Type 350V High Capacitance 2kV High Capacitance Safety Standard Certified Safety Standard Certified AC250V which meets Japanese Law High Capacitance Class 1 TC's 250V/630V Low Dissipation Medium Voltage High Frequency Snubber Optical Communications High Frequency High Speed Decoupling Frequency Control/Tuning, Impedance Matching Decoupling, Smoothing Automotive (Powertrain, Safety Equipment) Medium Voltage LCD Backlight Inverter Medium Voltage Decoupling, Smoothing Medium Voltage Only for Camera Flash Circuit GCM (U2J) 10pF–10000pF 250V/630V Soft Termination Type GCJ (X7R) 1000pF–0.47 µF Medium Voltage for Automotive (Powertrain, Safety Equipment) AC Lines Noise Removal Medium Voltage Only for Information Devices Function Type Series • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |
Similar Part No. - GR70271XR50BE01L |
|
Similar Description - GR70271XR50BE01L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |