Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVTD34V250K Datasheet(PDF) 4 Page - World Produts Inc.

Part # EVTD34V250K
Description  EV Series Varistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EVTD34V250K Datasheet(HTML) 4 Page - World Produts Inc.

  EVTD34V250K Datasheet HTML 1Page - World Produts Inc. EVTD34V250K Datasheet HTML 2Page - World Produts Inc. EVTD34V250K Datasheet HTML 3Page - World Produts Inc. EVTD34V250K Datasheet HTML 4Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EVTD – EV SEriES VariSTor (ThErmal DiSconnEcT)
World Products, LLC 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 2.0
4 | EVTD – EV Series Varistor (Thermal Disconnect)
Micro-switch Location Option “C” Only.
16
5.85
0.5
3.15
9.7
12
Ø1.0
5.85
18.86
25.5
42.8
2.5
1.2
5.08
11*
7
EVTD34VXXK
NOTE:Dimensions(mm),
tolerancesare±1mmunless
otherwisenoted.
*Alsoavailable5mm±0.5mm.See
“PartNumberingSystemforsuffix
code.


Similar Description - EVTD34V250K

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
EV SHARMA-EV Datasheet
340Kb / 2P
   EV Series
logo
List of Unclassifed Man...
MS-200278 ETC2-MS-200278 Datasheet
224Kb / 1P
   106-SD02-EV, 106-SD04-EV, 106-SD06-EV, 106-SD08-EV
logo
Littelfuse
V47ZS1P LITTELFUSE-V47ZS1P Datasheet
1Mb / 14P
   ZA Varistor Series
V5.5MLA0603H LITTELFUSE-V5.5MLA0603H Datasheet
875Kb / 8P
   MLA Varistor Series
V82ZT2 LITTELFUSE-V82ZT2 Datasheet
1Mb / 14P
   ZA Varistor Series
V320LT7P LITTELFUSE-V320LT7P Datasheet
1Mb / 13P
   LA Varistor Series
V33MLA1206H LITTELFUSE-V33MLA1206H Datasheet
875Kb / 8P
   MLA Varistor Series
V275LS20AP LITTELFUSE-V275LS20AP Datasheet
1Mb / 13P
   LA Varistor Series
V430CH8T LITTELFUSE-V430CH8T Datasheet
633Kb / 6P
   CH Varistor Series
V130LA1P LITTELFUSE-V130LA1P_12 Datasheet
1Mb / 13P
   LA Varistor Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com