Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN9222UB-6-07HI Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # FN9222UB-6-07HI
Description  General Performance IEC Inlet Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN9222UB-6-07HI Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  FN9222UB-6-07HI Datasheet HTML 1Page - List of Unclassifed Manufacturers FN9222UB-6-07HI Datasheet HTML 2Page - List of Unclassifed Manufacturers FN9222UB-6-07HI Datasheet HTML 3Page - List of Unclassifed Manufacturers FN9222UB-6-07HI Datasheet HTML 4Page - List of Unclassifed Manufacturers FN9222UB-6-07HI Datasheet HTML 5Page - List of Unclassifed Manufacturers FN9222UB-6-07HI Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
To find your local partner within
Schaffner‘s global network, please go to
www.schaffner.com
May 2011
© 2011 Schaffner EMC.
Specifications subject to change without
notice. All trademarks recognized.
Schaffner is an ISO-registered company.
Its products are designed and manufac-
tured under the strict quality and environ-
mental requirements of the ISO 9001 and
ISO 14001 standards.
This document has been carefully
checked. However, Schaffner does not
assume any liability for errors or inac-
curacies.
Headquarters and
global innovation and
development center
Schaffner Group
Nordstrasse 11
4542 Luterbach
Switzerland
T +41 32 681 66 26
F +41 32 681 66 30
info@schaffner.ch
www.schaffner.com
Sales and application centers
China
Schaffner EMC Ltd. Shanghai
Building 11, Lane 1365
East Kangqiao Road
Shanghai 201319
T +86 21 6813 9855
F +86 21 6813 9811
cschina@schaffner.com
www.schaffner.com
Germany
Schaffner Deutschland GmbH
Schoemperlenstrasse 12B
76185 Karlsruhe
T +49 721 56910
F +49 721 569110
germanysales@schaffner.com
Finland
Schaffner Oy
Tynninkuja 7
08700 Lohja
T +358 19 35 72 71
F +358 19 32 66 10
finlandsales@schaffner.com
France
Schaffner EMC S.A.S.
112, Quai de Bezons
95103 Argenteuil
T +33 1 34 34 30 60
F +33 1 39 47 02 28
francesales@schaffner.com
Italy
Schaffner EMC S.r.l.
Via Galileo Galilei, 47
20092 Cinisello Balsamo (MI)
T +39 02 66 04 30 45/47
F +39 02 61 23 943
italysales@schaffner.com
Japan
Schaffner EMC K.K.
Mitsui-Seimei Sangenjaya Bldg. 7F
1-32-12, Kamiuma, Setagaya-ku
Tokyo 154-0011
T +81 3 5712 3650
F +81 3 5712 3651
japansales@schaffner.com
www.schaffner.jp
Sweden
Schaffner EMC AB
Turebergstorg 1, 6
19147 Sollentuna
T +46 8 5792 1121 / 22
F +46 8 92 96 90
swedensales@schaffner.com
Switzerland
Schaffner EMV AG
Nordstrasse 11
4542 Luterbach
T +41 32 681 66 26
F +41 32 681 66 41
sales@schaffner.ch
Singapore
Schaffner EMC Pte Ltd.
Blk 3015A Ubi Road 1
05-09 Kampong Ubi Industrial
Estate
T +65 6377 3283
F +65 6377 3281
singaporesales@schaffner.com
Spain
Schaffner EMC España
Calle Caléndula 93,
Miniparc III, Edificio E
El Soto de la Moraleja,
Alcobendas
28109 Madrid
T +34 618 176 133
spainsales@schaffner.com
Taiwan
Schaffner EMV Ltd.
6th Floor, No 413
Rui Guang Road
Neihu District
Taipei City 114
T +886 2 87525050
F+886 2 87518086
taiwansales@schaffner.com
Thailand
Schaffner EMC Co. Ltd.
Northern Region Industrial Estate
67 Moo 4 Tambon Ban Klang
Amphur Muang P.O. Box 14
Lamphun 51000
T +66 53 58 11 04
F +66 53 58 10 19
thailandsales@schaffner.com
UK
Schaffner Ltd.
5 Ashville Way
Molly Millars Lane
Wokingham
Berkshire RG41 2PL
T +44 118 9770070
F +44 118 9792969
uksales@schaffner.com
www.schaffner.uk.com
USA
Schaffner EMC Inc.
52 Mayfield Avenue
Edison, New Jersey 08837
T +1 732 225 9533
F +1 732 225 4789
usasales@schaffner.com
www.schaffner.com/us


Similar Part No. - FN9222UB-6-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN9222EX-1-06 SCHAFFNER-FN9222EX-1-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-10-06 SCHAFFNER-FN9222EX-10-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06 SCHAFFNER-FN9222EX-12-06 Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
FN9222EX-12-06HI SCHAFFNER-FN9222EX-12-06HI Datasheet
927Kb / 6P
   General Performance EMC/EMI Filter with Earth Line Choke
More results

Similar Description - FN9222UB-6-07HI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9222-15-06 ETC2-FN9222-15-06 Datasheet
724Kb / 6P
   General Performance IEC Inlet Filter
logo
Schaffner International...
FN-9246 SCHAFFNER-FN-9246 Datasheet
2Mb / 4P
   High Performance IEC Inlet Filter
logo
List of Unclassifed Man...
FN9246-16-06 ETC2-FN9246-16-06 Datasheet
217Kb / 4P
   High Performance IEC Inlet Filter
logo
Delta Electronics, Inc.
08KEEG3EAM DELTA-08KEEG3EAM Datasheet
80Kb / 1P
   HIGH PERFORMANCE IEC INLET FILTERS
logo
Schaffner International...
FN2660 SCHAFFNER-FN2660 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
27. Sep 2022
FN2640 SCHAFFNER-FN2640 Datasheet
1Mb / 4P
   Low Profile - High performance, EMC/EMI IEC inlet filter
07. Sep 2022
logo
XP Power Limited
FASA XPPOWER-FASA Datasheet
633Kb / 3P
   IEC Inlet with Line Filter
logo
Schurter Inc.
5110 SCHURTER-5110_18 Datasheet
692Kb / 6P
   IEC Appliance Inlet C14 with Filter
logo
Delta Electronics, Inc.
08KENG3EAM-R DELTA-08KENG3EAM-R Datasheet
72Kb / 1P
   HIGH PERFORMANCE IEC INLET SNAP-IN FILTERS
logo
Schurter Inc.
KFS SCHURTER-KFS_V01 Datasheet
528Kb / 6P
   IEC Appliance Inlet C14 with Filter
04.01.2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com