Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME385BEAT Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME385BEAT
Description  Micropower Voltage Reference Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME385BEAT Datasheet(HTML) 5 Page - Analog Microelectronics

  AME385BEAT Datasheet HTML 1Page - Analog Microelectronics AME385BEAT Datasheet HTML 2Page - Analog Microelectronics AME385BEAT Datasheet HTML 3Page - Analog Microelectronics AME385BEAT Datasheet HTML 4Page - Analog Microelectronics AME385BEAT Datasheet HTML 5Page - Analog Microelectronics AME385BEAT Datasheet HTML 6Page - Analog Microelectronics AME385BEAT Datasheet HTML 7Page - Analog Microelectronics AME385BEAT Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Analog Microelectronics, Inc.
5
AME385-2.5
Micropower Voltage Reference Diode
Output Voltage Change vs. Current
Reverse Characteristic
25oC
85oC
0.0V
0.65V
1.3V
VR
100
µA
10
µA
1
µA
100nA
IR
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
-50
0
50
100
150
Normalized Percentage Change vs.
Temperature
( O C)
I = 100
µA
0.0V
1.0V
0.125V/DIV
85oC
25oC
Forward Characteristic
1
µA
100
µA
10mA
Transient Response
200
µS/DIV
VR
V IN
5V/DIV
1V/DIV
25
oC
(m A )
0.0
1
100
-2
0
2
4


Similar Part No. - AME385BEAT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME385BEATL AME-AME385BEATL Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
AME385BEATY AME-AME385BEATY Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
AME385BEATZ AME-AME385BEATZ Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
More results

Similar Description - AME385BEAT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41-4096 AME-AME41-4096 Datasheet
63Kb / 8P
   Micropower Voltage Reference Diode
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com