Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME41FEET Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AME41FEET
Description  Micropower Voltage Reference Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME41FEET Datasheet(HTML) 3 Page - Analog Microelectronics

  AME41FEET Datasheet HTML 1Page - Analog Microelectronics AME41FEET Datasheet HTML 2Page - Analog Microelectronics AME41FEET Datasheet HTML 3Page - Analog Microelectronics AME41FEET Datasheet HTML 4Page - Analog Microelectronics AME41FEET Datasheet HTML 5Page - Analog Microelectronics AME41FEET Datasheet HTML 6Page - Analog Microelectronics AME41FEET Datasheet HTML 7Page - Analog Microelectronics AME41FEET Datasheet HTML 8Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Analog Microelectronics, Inc.
3
AME41-4096
Micropower Voltage Reference Diode
n
n
n
n
n Absolute Maximum Ratings
n
n
n
n
n Recommended Operating Conditions
n
n
n
n
n Thermal Information
Caution: Stress above the listed absolute rating may cause permanent damage to the device
Parameter
Maximum
Unit
Supply Current
50
mA
Pa ra m e te r
Ra tin g
Un it
S upply Current
100
µA ~ 20m A
A m bient Tem perature Range
-40 to + 85
o C
Junc tion Tem perature
-40 to + 125
o C
Max im um
Unit
SOT-23
325
TO-92
180
SO-8
124
M ax im um Junction Tem perature
150
oC
M ax im um Lead Tem perature ( 10 S ec )
300
oC
Pa ra m e te r
oC / W
Therm al Res is tanc e


Similar Part No. - AME41FEET

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME41 AME-AME41 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME41-1.2 AME-AME41-1.2 Datasheet
187Kb / 14P
   Shunt Bandgap Voltage Reference
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME41-ADJ AME-AME41-ADJ Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME41-ADJ AME-AME41-ADJ Datasheet
164Kb / 12P
   Shunt Bandgap Voltage Reference
More results

Similar Description - AME41FEET

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
CLM285-25 CALOGIC-CLM285-25 Datasheet
30Kb / 3P
   Micropower Voltage Reference Diode
logo
Texas Instruments
LM185-1.2QML TI1-LM185-1.2QML_14 Datasheet
541Kb / 18P
[Old version datasheet]   Micropower Voltage Reference Diode
logo
Advanced Monolithic Sys...
AMS285-2.5 AMS-AMS285-2.5 Datasheet
172Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-1.2 ADMOS-AMS285-1.2 Datasheet
96Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Wing Shing Computer Com...
LM385-2.5 WINGS-LM385-2.5 Datasheet
147Kb / 3P
   Micropower Voltage Reference Diode
logo
Analog Microelectronics
AME385-2.5 AME-AME385-2.5 Datasheet
105Kb / 12P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Advanced Monolithic Sys...
AMS285-12 ADMOS-AMS285-12 Datasheet
88Kb / 8P
   MICROPOWER VOLTAGE REFERENCE DIODE
logo
Analog Microelectronics
AME385-12 AME-AME385-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
AME385-25 AME-AME385-25 Datasheet
52Kb / 8P
   Micropower Voltage Reference Diode
AME41-12 AME-AME41-12 Datasheet
70Kb / 8P
   Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com