Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q64DWSSIG Datasheet(PDF) 7 Page - Winbond

Part # W25Q64DWSSIG
Description  1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64DWSSIG Datasheet(HTML) 7 Page - Winbond

Back Button W25Q64DWSSIG Datasheet HTML 3Page - Winbond W25Q64DWSSIG Datasheet HTML 4Page - Winbond W25Q64DWSSIG Datasheet HTML 5Page - Winbond W25Q64DWSSIG Datasheet HTML 6Page - Winbond W25Q64DWSSIG Datasheet HTML 7Page - Winbond W25Q64DWSSIG Datasheet HTML 8Page - Winbond W25Q64DWSSIG Datasheet HTML 9Page - Winbond W25Q64DWSSIG Datasheet HTML 10Page - Winbond W25Q64DWSSIG Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
W25Q64DW
Publication Release Date: September 18, 2012
- 7 -
Revision D
6. PIN CONFIGURATION SOIC 300-MIL
1
2
3
4
/CS
DO (IO
1)/
2)
GND
VCC
/HOLD (IO
3)
DI (IO
0)
CLK
Top View
NC
NC
NC
NC
NC
NC
NC
NC
5
6
7
8
10
9
11
12
13
14
15
16
WP (IO
Figure 1c. W25Q64DW Pin Assignments, 16-pin SOIC 300-mil (Package Code SF)
7. PIN DESCRIPTION SOIC 300-MIL
PAD NO.
PAD NAME
I/O
FUNCTION
1
/HOLD (IO3)
I/O
Hold Input (Data Input Output 3)*
2
2
VCC
Power Supply
3
N/C
No Connect
4
N/C
No Connect
5
N/C
No Connect
6
N/C
No Connect
7
/CS
I
Chip Select Input
8
DO (IO1)
I/O
Data Output (Data Input Output 1)*
1
9
/WP (IO2)
I/O
Write Protect Input (Data Input Output 2)*
2
10
GND
Ground
11
N/C
No Connect
12
N/C
No Connect
13
N/C
No Connect
14
N/C
No Connect
15
DI (IO0)
I/O
Data Input (Data Input Output 0)*
1
16
CLK
I
Serial Clock Input
*1 IO0 and IO1 are used for Standard and Dual SPI instructions
*2 IO0 – IO3 are used for Quad SPI/QPI instructions


Similar Part No. - W25Q64DWSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64DWSSIG WINBOND-W25Q64DWSSIG Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q64DWSSIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com