Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25Q64DWSFIG Datasheet(PDF) 8 Page - Winbond

Part # W25Q64DWSFIG
Description  1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25Q64DWSFIG Datasheet(HTML) 8 Page - Winbond

Back Button W25Q64DWSFIG Datasheet HTML 4Page - Winbond W25Q64DWSFIG Datasheet HTML 5Page - Winbond W25Q64DWSFIG Datasheet HTML 6Page - Winbond W25Q64DWSFIG Datasheet HTML 7Page - Winbond W25Q64DWSFIG Datasheet HTML 8Page - Winbond W25Q64DWSFIG Datasheet HTML 9Page - Winbond W25Q64DWSFIG Datasheet HTML 10Page - Winbond W25Q64DWSFIG Datasheet HTML 11Page - Winbond W25Q64DWSFIG Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
W25Q64DW
- 8 -
7.1 Package Types
At the time this datasheet was published, not all package types had been finalized. Contact Winbond to
confirm availability of these packages before designing to this specification. W25Q64DW is offered in an
8-pin plastic 208-mil width SOIC (package code SS), a WSON 6x5-mm or 8X6-mm (package code ZP &
ZE) and a 16-pin plastic 300-mil width SOIC (package code SF) as shown in Figure 1a, 1b, 1c. Package
diagrams and dimensions are illustrated at the end of this datasheet.
7.2 Chip Select (/CS)
The SPI Chip Select (/CS) pin enables and disables device operation. When /CS is high, the device is
deselected and the Serial Data Output (DO, or IO0, IO1, IO2, IO3) pins are at high impedance. When
deselected, the devices power consumption will be at standby levels unless an internal erase, program or
write status register cycle is in progress. When /CS is brought low, the device will be selected, power
consumption will increase to active levels and instructions can be written to and data read from the device.
After power-up, /CS must transition from high to low before a new instruction will be accepted. The /CS
input must track the VCC supply level at power-up and power-down (see “Write Protection” and figure 43).
If needed a pull-up resister on /CS can be used to accomplish this.
7.3 Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3)
The W25Q64DW supports standard SPI, Dual SPI, Quad SPI and QPI operation. Standard SPI
instructions use the unidirectional DI (input) pin to serially write instructions, addresses or data to the
device on the rising edge of the Serial Clock (CLK) input pin. Standard SPI also uses the unidirectional DO
(output) to read data or status from the device on the falling edge of CLK.
Dual/Quad SPI and QPI instructions use the bidirectional IO pins to serially write instructions, addresses
or data to the device on the rising edge of CLK and read data or status from the device on the falling edge
of CLK. Quad SPI and QPI instructions require the non-volatile Quad Enable bit (QE) in Status Register-2
to be set. When QE=1, the /WP pin becomes IO2 and /HOLD pin becomes IO3.
7.4 Write Protect (/WP)
The Write Protect (/WP) pin can be used to prevent the Status Registers from being written. Used in
conjunction with the Status Register’s Block Protect (CMP, SEC, TB, BP2, BP1 and BP0) bits and Status
Register Protect (SRP) bits, a portion as small as a 4KB sector or the entire memory array can be
hardware protected. The /WP pin is active low. However, when the QE bit of Status Register-2 is set for
Quad I/O, the /WP pin function is not available since this pin is used for IO2. See figure 1a, 1b and 1c for
the pin configuration of Quad I/O operation.
7.5 HOLD (/HOLD)
The /HOLD pin allows the device to be paused while it is actively selected. When /HOLD is brought low,
while /CS is low, the DO pin will be at high impedance and signals on the DI and CLK pins will be ignored
(don’t care). When /HOLD is brought high, device operation can resume. The /HOLD function can be
useful when multiple devices are sharing the same SPI signals. The /HOLD pin is active low. When the
QE bit of Status Register-2 is set for Quad I/O, the /HOLD pin function is not available since this pin is
used for IO3. See figure 1a, 1b and 1c for the pin configuration of Quad I/O operation.
7.6 Serial Clock (CLK)
The SPI Serial Clock Input (CLK) pin provides the timing for serial input and output operations. ("See SPI
Operations")


Similar Part No. - W25Q64DWSFIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64DWSFIG WINBOND-W25Q64DWSFIG Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results

Similar Description - W25Q64DWSFIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25Q64DW WINBOND-W25Q64DW Datasheet
1Mb / 82P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FW WINBOND-W25Q64FW Datasheet
2Mb / 94P
   1.8V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_13 Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV_V01 Datasheet
1Mb / 92P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
July 18, 2017
W25Q64FVZPIG WINBOND-W25Q64FVZPIG Datasheet
1Mb / 88P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q64FV WINBOND-W25Q64FV Datasheet
1Mb / 89P
   3V 64M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q16FWUUIQ-TR WINBOND-W25Q16FWUUIQ-TR Datasheet
1Mb / 90P
   1.8V 16M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q128FW WINBOND-W25Q128FW Datasheet
1Mb / 96P
   1.8V 128M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
W25Q32DW WINBOND-W25Q32DW_12 Datasheet
1Mb / 82P
   1.8V 32M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com