Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME811 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME811
Description  3-1/2 Digit A/D Converter - Low Power With HOLD And Differential Reference Inputs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME811 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME811 Datasheet HTML 7Page - Analog Microelectronics AME811 Datasheet HTML 8Page - Analog Microelectronics AME811 Datasheet HTML 9Page - Analog Microelectronics AME811 Datasheet HTML 10Page - Analog Microelectronics AME811 Datasheet HTML 11Page - Analog Microelectronics AME811 Datasheet HTML 12Page - Analog Microelectronics AME811 Datasheet HTML 13Page - Analog Microelectronics AME811 Datasheet HTML 14Page - Analog Microelectronics AME811 Datasheet HTML 15Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Analog Microelectronics, Inc.
11
AME811/AME811A/AME811R
3-1/2 Digit A/D Converter - Low Power
With HOLD And Differential Reference Inputs
Integrating Capacitor (Cint)
Cint should be selected to maximize the integrator out-
put voltage swing without causing output saturation. A
± 2V full-scale integrator output swing is recommended
if “ANALOG COMMON” is used as signal reference.
For 3 readings/second (fosc = 48 KHz) a 0.22
µF value
is suggested. If a different oscillator frequency is used,
Cint must be changed in inverse proportion to maintain
the nominal
± 2V integrator swing. An exact expres-
sion for Cint is:
Cint = [(4000)(1/fosc)(Vfs/Rint)] / Vint
where:
fosc= Oscillator clock frequency
Vfs = Full-scale input voltage
Rint = Integrating resistor
Vint = Desired full-scale integrator output swing
Cint must have low dielectric absorption to minimize
rollover error. A polypropylene capacitor is recom-
mended.
Integrating Resistor (Rint)
The input buffer amplifier and integrator both have a
class A output stage with 100
µA quiescent current.
The integrator and buffer can supply 20
µA drive cur-
rents with negligible linearity errors. Rint is chosen to
keep the output stage in the linear region. For a 200mV
full-scale, it is 47K
Ω; 2.0V full-scale requires 470KΩ.
Summary of component selection:
Note: fosc = 48 KHz
Oscillator Components
R-C Oscillator
A 100 K
Ω Rosc is recommended for all frequencies.
Cosc is selected by using the equation:
fosc = 0.45/(RC)
For fosc of 48KHz, Cosc is 100pF nominally.
To achieve maximum line noise rejection, the signal-
integrate period should be a multiple of line period. The
optimum oscillator frequencies for 60 Hz and 50 Hz
rejection are listed as follows:
For 60 Hz rejection:
40KHz, 48KHz, 60KHz etc.
For 50 Hz rejection:
40KHz, 50KHz, 66-2/3KHz etc.
Reference Voltage Selection
A full-scale reading (2000 counts) requires the input
signal be twice the reference voltage.
In some applications a scale factor other than unity may
exist between a transducer output voltage and the re-
quired digital reading. Assume, for example, a pres-
sure transducer output is 600 mV for 2000 Ib/in2. Rather
than dividing the input voltage by three the reference
voltage should be set to 300 mV. This permits the trans-
ducer input to be used directly. The integrator resistor
would be 120K
Ω. In some temperature and weighting
system with variable tare, the offset reading can be
generated by connecting the voltage transducer be-
tween INHI and COMMON and the variable offset volt-
age between COMMON and INLO.
Low Battery Flag (LB)
The low battery flag is set when the supply voltage (V+
to V-) is lower than seven volts, typical. Once the LB is
set, the waveform of the LB will be out of phase with
the BP (Back Plane) to turn on a low battery annuncia-
tor for AME811.
F u l l s c a l e
200. 0m V
2 . 000V
Ca z
0 . 4 7
µ F
0 . 047
µ F
Ri n t
47 K
470 K
C i nt
0. 22
µ F
0 . 22
µ F
V r ef
100. 0m V
1 . 000V
F u l l -S c a l e V o l tag e
V r e f
20 0. 0 m V
10 0. 0 m V
2. 000
V
1 . 000
V


Similar Part No. - AME811

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8500 AME-AME8500 Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500 AME-AME8500 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEET AME-AME8500AEET Datasheet
70Kb / 11P
   Micropower uP Reset Family
AME8500AEETAA15 AME-AME8500AEETAA15 Datasheet
410Kb / 14P
   UProcessor Supervisory
AME8500AEETAA16 AME-AME8500AEETAA16 Datasheet
410Kb / 14P
   UProcessor Supervisory
More results

Similar Description - AME811

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC811 TELCOM-TC811 Datasheet
171Kb / 12P
   3-1/2 DIGIT A/D CONVERTER WITH HOLD AND DIFFERENTIAL REFERENCE INPUTS
logo
Microchip Technology
TC811 MICROCHIP-TC811 Datasheet
120Kb / 14P
   3-1/2 Digit Analog-To-Digital Converter with Hold and Differential Reference Inputs
2001
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Analog Microelectronics
AME7106 AME-AME7106 Datasheet
1Mb / 20P
   3-1/2 Digit A/D Converter High Accuracy, Low Power
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com