Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29GL032CH7S Datasheet(PDF) 4 Page - Winbond

Part # W29GL032CH7S
Description  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032CH7S Datasheet(HTML) 4 Page - Winbond

  W29GL032CH7S Datasheet HTML 1Page - Winbond W29GL032CH7S Datasheet HTML 2Page - Winbond W29GL032CH7S Datasheet HTML 3Page - Winbond W29GL032CH7S Datasheet HTML 4Page - Winbond W29GL032CH7S Datasheet HTML 5Page - Winbond W29GL032CH7S Datasheet HTML 6Page - Winbond W29GL032CH7S Datasheet HTML 7Page - Winbond W29GL032CH7S Datasheet HTML 8Page - Winbond W29GL032CH7S Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 68 page
background image
W29GL032C
ii
7.6
Common Flash Memory Interface (CFI) Mode ............................................................. 25
7.6.1
Query Instruction and Common Flash memory Interface (CFI) Mode.............................25
8
ELECTRICAL CHARACTERISTICS ......................................................................................... 29
8.1
Absolute Maximum Stress Ratings............................................................................... 29
8.2
Operating Temperature and Voltage ............................................................................ 29
8.3
DC Characteristics ........................................................................................................ 30
8.4
Switching Test Circuits.................................................................................................. 31
8.4.1
Switching Test Waveform ...............................................................................................31
8.5
AC Characteristics ........................................................................................................ 32
8.5.1
Instruction Write Operation .............................................................................................33
8.5.2
Read / Reset Operation ..................................................................................................34
8.5.3
Erase/Program Operation ...............................................................................................36
8.5.4
Write Operation Status....................................................................................................46
8.5.5
WORD/BYTE CONFIGURATION (#BYTE).....................................................................50
8.5.6
DEEP POWER DOWN MODE........................................................................................52
8.5.7
WRITE BUFFER PROGRAM..........................................................................................52
8.6
Recommended Operating Conditions........................................................................... 53
8.6.1
At Device Power-up ........................................................................................................53
8.7
Erase and Programming Performance ......................................................................... 54
8.8
Data Retention .............................................................................................................. 54
8.9
Latch-up Characteristics ............................................................................................... 54
8.10
Pin Capacitance............................................................................................................ 54
9
PACKAGE DIMENSIONS ......................................................................................................... 55
9.1
TSOP 48-pin 12x20mm ................................................................................................ 55
9.2
TSOP 56-pin 14x20mm ................................................................................................ 56
9.3
Low-Profile Fine-Pitch Ball Grid Array, 64-ball 11x13mm (LFBGA64) ......................... 57
9.4
Thin & Fine-Pitch Ball Grid Array, 6x8 mm
2, pitch: 0.8 mm,
∅=0.4mm (TFBGA48) .... 58
10
ORDERING INFORMATION..................................................................................................... 59
10.1
Ordering Part Number Definitions................................................................................. 59
10.2
Valid Part Numbers and Top Side Marking .................................................................. 60
11
HISTORY .................................................................................................................................. 61


Similar Part No. - W29GL032CH7S

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032CH7B WINBOND-W29GL032CH7B Datasheet
1Mb / 66P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032CH7T WINBOND-W29GL032CH7T Datasheet
1Mb / 66P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results

Similar Description - W29GL032CH7S

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032C WINBOND-W29GL032C Datasheet
1Mb / 66P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com