Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X05CLUXIG Datasheet(PDF) 11 Page - Winbond

Part # W25X05CLUXIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLUXIG Datasheet(HTML) 11 Page - Winbond

Back Button W25X05CLUXIG Datasheet HTML 7Page - Winbond W25X05CLUXIG Datasheet HTML 8Page - Winbond W25X05CLUXIG Datasheet HTML 9Page - Winbond W25X05CLUXIG Datasheet HTML 10Page - Winbond W25X05CLUXIG Datasheet HTML 11Page - Winbond W25X05CLUXIG Datasheet HTML 12Page - Winbond W25X05CLUXIG Datasheet HTML 13Page - Winbond W25X05CLUXIG Datasheet HTML 14Page - Winbond W25X05CLUXIG Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 11 -
Revision B
8.1.5 Reserved Bits
Status register bit location S6 and S4 are reserved for future use. Current devices will read 0 for this
bit location. It is recommended to mask out the reserved bit when testing the Status Register. Doing
this will ensure compatibility with future devices.
8.1.6 Status Register Protect (SRP)
The Status Register Protect (SRP) bit is a non-volatile read/write bit in status register (S7) that can be
used in conjunction with the Write Protect (/WP) pin to disable writes to status register. When the SRP
bit is set to a 0 state (factory default) the /WP pin has no control over status register. When the SRP
pin is set to a 1, the Write Status Register instruction is locked out while the /WP pin is low. When the
/WP pin is high the Write Status Register instruction is allowed.
SRP
/WP
Status
Register
Description
0
X
Software
Protection
/WP pin has no control, The Status register can be written to
after a Write Enable instruction WEL = 1. [Factory Default]
1
0
Hardware
Protected
When /WP pin is low the Status Register locked and can
’t be
written to.
1
1
Hardware
Unprotected
When /WP pin is high the status register is unlocked and can
be written to after a Write Enable instruction WEL = 1.
S7
S6
S5
S4
S3
S2
S1
S0
SRP
BP 1
BP0
WEL
BUSY
WRITE ENABLE LATCH
ERASE/WRITE IN PROGRESS
S7
S6
S5
S4
S3
S2
S1
S0
BLOCK PROTECT BITS
STATUS REGISTER PROTECT
(Non-volatile)
(volatile)
(R)
TB
(R)
(Non-volatile)
TOP/BOTTOM PROTECT
(Non-volatile)
RESERVED
(volatile)
Figure 3. Status Register Bit Locations


Similar Part No. - W25X05CLUXIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X05CLUXIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40CL WINBOND-W25X40CL Datasheet
1Mb / 53P
   2.5/3/3.3 V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com