Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W25X05CLUXIG Datasheet(PDF) 3 Page - Winbond

Part # W25X05CLUXIG
Description  2.5 / 3 / 3.3 V 512K / 1M / 2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W25X05CLUXIG Datasheet(HTML) 3 Page - Winbond

  W25X05CLUXIG Datasheet HTML 1Page - Winbond W25X05CLUXIG Datasheet HTML 2Page - Winbond W25X05CLUXIG Datasheet HTML 3Page - Winbond W25X05CLUXIG Datasheet HTML 4Page - Winbond W25X05CLUXIG Datasheet HTML 5Page - Winbond W25X05CLUXIG Datasheet HTML 6Page - Winbond W25X05CLUXIG Datasheet HTML 7Page - Winbond W25X05CLUXIG Datasheet HTML 8Page - Winbond W25X05CLUXIG Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 51 page
background image
W25X05CL/10CL/20CL
Publication Release Date: March 23, 2012
- 3 -
Revision B
8.2.16
32KB Block Erase (52h) ...............................................................................................26
8.2.17
Block Erase (D8h) ........................................................................................................27
8.2.18
Chip Erase (C7h or 60h)...............................................................................................28
8.2.19
Power-down (B9h)........................................................................................................29
8.2.20
Release Power-down / Device ID (ABh).......................................................................30
8.2.21
Read Manufacturer / Device ID (90h) ...........................................................................32
8.2.22
Read Manufacturer / Device ID Dual I/O (92h) .............................................................33
8.2.23
Read Unique ID Number (4Bh) ....................................................................................34
8.2.24
JEDEC ID (9Fh) ...........................................................................................................35
9.
ELECTRICAL CHARACTERISTICS ......................................................................................36
9.1
Absolute Maximum Rating.........................................................................................36
9.2
Operating Ranges .....................................................................................................36
9.3
Power-up Timing and Write Inhibit Threshold.............................................................37
9.4
DC Electrical Characteristics .....................................................................................38
9.5
AC Measurement Conditions.....................................................................................39
9.6
AC Electrical Characteristics......................................................................................40
AC Electrical Characteristics (cont’d).....................................................................................41
9.7
Serial Output Timing..................................................................................................42
9.8
Serial Input Timing ....................................................................................................42
9.9
HOLD Timing ............................................................................................................42
9.10
WP Timing ................................................................................................................42
10.
PACKAGE SPECIFICATION.................................................................................................43
10.1
8-Pin SOIC 150-mil (Package Code SN)....................................................................43
10.2
8-Pin VSOP8 150-mil (Package Code SV).................................................................44
10.3
8-Pin TSSOP8 173-mil (Package Code SD) ..............................................................45
10.4
8-Contact 6x5mm WSON (Package Code ZP)...........................................................46
8-
Pad WSON 6x5mm Cont’d.................................................................................................47
10.5
8-Pad USON 2x3-mm (Package Code UX)................................................................48
11.
ORDERING INFORMATION .................................................................................................49
11.1
Valid Part Numbers and Top Side Marking ................................................................50
12.
REVISION HISTORY ............................................................................................................51


Similar Part No. - W25X05CLUXIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
More results

Similar Description - W25X05CLUXIG

ManufacturerPart #DatasheetDescription
logo
Winbond
W25X40CL WINBOND-W25X40CL Datasheet
1Mb / 53P
   2.5/3/3.3 V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10BL WINBOND-W25X10BL Datasheet
2Mb / 53P
   1M-BIT, 2M-BIT AND 4M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q16 FIDELIX-FM25Q16 Datasheet
2Mb / 62P
   16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com