Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EV14D75K Datasheet(PDF) 8 Page - World Produts Inc.

Part # EV14D75K
Description  Metal Oxide Varistors
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

EV14D75K Datasheet(HTML) 8 Page - World Produts Inc.

Back Button EV14D75K Datasheet HTML 4Page - World Produts Inc. EV14D75K Datasheet HTML 5Page - World Produts Inc. EV14D75K Datasheet HTML 6Page - World Produts Inc. EV14D75K Datasheet HTML 7Page - World Produts Inc. EV14D75K Datasheet HTML 8Page - World Produts Inc. EV14D75K Datasheet HTML 9Page - World Produts Inc. EV14D75K Datasheet HTML 10Page - World Produts Inc. EV14D75K Datasheet HTML 11Page - World Produts Inc. EV14D75K Datasheet HTML 12Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
Metal Oxide VaristOrs - eV series
WORLD PRODUCTS INC. 19654 Eighth Street East, Sonoma, CA 95476 | Phone (707) 996-5201 | Fax (707) 996-3380 | www.worldproducts.com
Rev. 3.1
6 | Metal Oxide Varistors - EV Series
All disk sizes are available in several lead options. Please contact WPI for additional information.
Standard Dimensions and Lead Modification Options
S
A max
W
L
E max
a
5mm, 7mm, 10mm, 14mm & 20mm
Seating
Plane
C
L
3.0mm (0.12") max
W
S
Inward Crimp
Seating
Plane
C
L
S
3.0mm (0.12") max
W
Outward Crimp
L
3.0mm
(0.12") max
Seating
Plane
Inline Crimp
Tab Lead
D max
W
(5)
(6)
E max
a
S
Tab Lead Pin Type
(6)
D max
W
E max
a
S
(7)
(5)
(5)
(6)
TOP
VIEW
22mm & 34mm
22mm & 34mm Uncoated Disk Series (No Leads)
Standard Disk Size
*22mm = 22.5mm ± 0.5mm X 25.25 ± 0.5mm
34mm = 33.5mm ± 1mm X 33.5mm ± 1mm
*Also available 20mm ± 1mm X 20mm ± 1mm (by special request).
NOTE: Please see “E” maximum thickness dimension by part number.
NOTE: For uncoated “A” Type (without leads) and “B” Type (with leads) consult World Products, Inc. for exact dimensions.
NOTE: For 22mm disk size, there is no hole in the lead for 14mm lead spacing option.
22mm Wire Lead
S
W
A max
L
a
A max
E max


Similar Part No. - EV14D75K

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
EV14-10FB-Q PANDUIT-EV14-10FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-10FNB-Q PANDUIT-EV14-10FNB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-10LFB-Q PANDUIT-EV14-10LFB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-10RB-Q PANDUIT-EV14-10RB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
EV14-14FB-Q PANDUIT-EV14-14FB-Q Datasheet
2Mb / 12P
   Terminals & Cable Ties
1/2018
More results

Similar Description - EV14D75K

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com