Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29GL064CT7T Datasheet(PDF) 9 Page - Winbond

Part # W29GL064CT7T
Description  64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL064CT7T Datasheet(HTML) 9 Page - Winbond

Back Button W29GL064CT7T Datasheet HTML 5Page - Winbond W29GL064CT7T Datasheet HTML 6Page - Winbond W29GL064CT7T Datasheet HTML 7Page - Winbond W29GL064CT7T Datasheet HTML 8Page - Winbond W29GL064CT7T Datasheet HTML 9Page - Winbond W29GL064CT7T Datasheet HTML 10Page - Winbond W29GL064CT7T Datasheet HTML 11Page - Winbond W29GL064CT7T Datasheet HTML 12Page - Winbond W29GL064CT7T Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
W29GL064C
Publication Release Date: August 2, 2013
3
Revision H
4
BLOCK DIAGRAM
CONTROL
DECODER
MAIN ARRAY
OUTPUT
BUFFER
#CE
#OE
#WE
RY/#BY
#BYTE
#RESET
#WP/ACC
DQ15/A-1
A0
A21
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
DQ15/A-1
DQ0
.
.
.
.
.
.
.
.
.
.
.
.
.
.
VCC
EVIO
VSS
Figure 4-1
Block Diagram
5
PIN DESCRIPTION
SYMBOL
PIN NAME
A0-A21
Address Inputs
DQ0-DQ14
Data Inputs/Outputs
DQ15/A-1
Word mode
DQ15 is Data Input/Output
Byte mode
A-1 is Address Input
#CE
Chip Enable
#OE
Output Enable
#WE
Write Enable
#WP/ACC
Hardware Write Protect/ Acceleration Pin
#BYTE
Byte Enable
#RESET
Hardware Reset
RY/#BY
Ready/Busy Status
VCC
Power Supply
EVIO
Enhanced Variable IO Supply (No connect for top/bottom LFBGA64 configurations)
VSS
Ground
NC
No Connection
Table 5-1
Pin Description


Similar Part No. - W29GL064CT7T

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL064CT7A WINBOND-W29GL064CT7A Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064CT7B WINBOND-W29GL064CT7B Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064CT7S WINBOND-W29GL064CT7S Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results

Similar Description - W29GL064CT7T

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032C WINBOND-W29GL032C Datasheet
1Mb / 66P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL032C WINBOND-W29GL032C_13 Datasheet
897Kb / 68P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com