Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W29GL032CH7B Datasheet(PDF) 7 Page - Winbond

Part # W29GL032CH7B
Description  32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W29GL032CH7B Datasheet(HTML) 7 Page - Winbond

Back Button W29GL032CH7B Datasheet HTML 3Page - Winbond W29GL032CH7B Datasheet HTML 4Page - Winbond W29GL032CH7B Datasheet HTML 5Page - Winbond W29GL032CH7B Datasheet HTML 6Page - Winbond W29GL032CH7B Datasheet HTML 7Page - Winbond W29GL032CH7B Datasheet HTML 8Page - Winbond W29GL032CH7B Datasheet HTML 9Page - Winbond W29GL032CH7B Datasheet HTML 10Page - Winbond W29GL032CH7B Datasheet HTML 11Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
W29GL032C
Publication Release Date: August 2, 2013
1
Revision H
1
GENERAL DESCRIPTION
The W29GL032C Parallel Flash memory provides a storage solution for embedded system
applications that require better performance, lower power consumption and higher density. This device
has a random access speed of 70ns and a fast page access speed of 25ns, as well as significantly
faster program and erase times than the products comparable on the market today. The W29GL032C
also offers special features such as Compatible Manufacturer ID that makes the device industry
standard compatible without the need to change firmware.
2
FEATURES
• 32k-Word/64k-Byte uniform sector
architecture
Total 64 uniform sectors
Total 63 uniform sectors + eight 4k-
Word/8k-Byte sectors
• 16-Word/32-Byte write buffer
Reduces total program time for
multiple-word updates
• 8-Word/16-Byte page read buffer
• Secured Silicon Sector area
Programmed and locked by the
customer or during production.
128-word/256-byte sector for
permanent, safe identification using an
8-word/16-byte random electronic
serial number.
• Enhanced Sector Protect using
Dynamic and Individual mechanisms
• Polling/Toggling methods are used to
detect the status of program and erase
operation
• Suspend and resume commands used
for program and erase operations
• More than 100,000 erase/program
cycles
• More than 20-year data retention
• Low power consumption
• Deep power down mode
• Wide temperature ranges
• Compatible manufacturer ID for drop-in
replacement
No firmware change is required
• Faster Erase and Program time
Erase is 1.5x faster than industry
standard
Program is 2x faster than industry
standard
Allows for improved production
throughput and faster field updates
• CFI (Common Flash Interface) support
• Single 3V Read/Program/Erase (2.7 -
3.6V)
• Enhanced Variable IO control
All input levels (address, control, and
DQ) and output levels are determined
by voltage on the EVIO input. EVIO
ranges from 1.65 to VCC
• #WP/ACC Input
Accelerates programming time (when
VHH is applied) for greater throughput
during system production
Protects first or last sector regardless
of sector protection settings
• Hardware reset input (#reset) resets
device
• Ready/#Busy output (RY/#BY) detects
completion of program or erase cycle
• Packages
Uniform Sector (H/L)
56-pin TSOP
64-ball LFBGA
Boot Sector (T/B)
48-pin TSOP
48-ball TFBGA
64-ball LFBGA


Similar Part No. - W29GL032CH7B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032CH7B WINBOND-W29GL032CH7B Datasheet
1Mb / 66P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
More results

Similar Description - W29GL032CH7B

ManufacturerPart #DatasheetDescription
logo
Winbond
W29GL032C WINBOND-W29GL032C Datasheet
1Mb / 66P
   32M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256SH9T-TR WINBOND-W29GL256SH9T-TR Datasheet
2Mb / 88P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C_13 Datasheet
1Mb / 68P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C Datasheet
1Mb / 64P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL064C WINBOND-W29GL064C Datasheet
1Mb / 66P
   64M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL256PL9T-TR WINBOND-W29GL256PL9T-TR Datasheet
1Mb / 64P
   256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128C WINBOND-W29GL128C_13 Datasheet
793Kb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
W29GL128CH9C-TR WINBOND-W29GL128CH9C-TR Datasheet
1Mb / 67P
   128M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com