Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W971GG8JB-18 Datasheet(PDF) 9 Page - Winbond

Part # W971GG8JB-18
Description  16M x 8 BANKS x 8 BIT DDR2 SDRAM
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W971GG8JB-18 Datasheet(HTML) 9 Page - Winbond

Back Button W971GG8JB-18 Datasheet HTML 5Page - Winbond W971GG8JB-18 Datasheet HTML 6Page - Winbond W971GG8JB-18 Datasheet HTML 7Page - Winbond W971GG8JB-18 Datasheet HTML 8Page - Winbond W971GG8JB-18 Datasheet HTML 9Page - Winbond W971GG8JB-18 Datasheet HTML 10Page - Winbond W971GG8JB-18 Datasheet HTML 11Page - Winbond W971GG8JB-18 Datasheet HTML 12Page - Winbond W971GG8JB-18 Datasheet HTML 13Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
W971GG8JB
Publication Release Date: Jun. 15, 2012
- 9 -
Revision A02
8.
FUNCTIONAL DESCRIPTION
8.1
Power-up and Initialization Sequence
DDR2 SDRAMs must be powered up and initialized in a predefined manner. Operational procedures
other than those specified may result in undefined operation. The following sequence is required for
Power-up and Initialization.
1. Apply power and attempt to maintain CKE below 0.2 × VDDQ and ODT
*1 at a LOW state (all other
inputs may be undefined.) Either one of the following sequence is required for Power-up.
A. The VDD voltage ramp time must be no greater than 200 mS from when VDD ramps from 300
mV to VDD min; and during the VDD voltage ramp, |VDD -VDDQ|
0.3 volts.
VDD, VDDL and VDDQ are driven from a single power converter output
VTT is limited to 0.95V max
VREF
*2 tracks VDDQ/2
VDDQ
VREF must be met at all times
B. Voltage levels at I/Os and outputs must be less than VDDQ during voltage ramp time to avoid
DRAM latch-up. During the ramping of the supply voltages, VDD
VDDL VDDQ must be
maintained and is applicable to both AC and DC levels until the ramping of the supply voltages
is complete.
Apply VDD/VDDL
*3 before or at the same time as VDDQ
Apply VDDQ
*4 before or at the same time as VTT
VREF
*2 tracks VDDQ/2
VDDQ
VREF must be met at all times.
2. Start Clock and maintain stable condition for 200 µ S (min.).
3. After stable power and clock (CLK, CLK ), apply NOP or Deselect and take CKE HIGH.
4. Wait minimum of 400 nS then issue precharge all command. NOP or Deselect applied during 400
nS period.
5. Issue an EMRS command to EMR (2). (To issue EMRS command to EMR (2), provide LOW to
BA0 and BA2, HIGH to BA1.)
6. Issue an EMRS command to EMR (3). (To issue EMRS command to EMR (3), provide LOW to
BA2, HIGH to BA0 and BA1.)
7. Issue EMRS to enable DLL. (To issue DLL Enable command, provide LOW to A0, HIGH to BA0
and LOW to BA1-BA2 and A13. And A9=A8=A7=LOW must be used when issuing this command.)
8. Issue a Mode Register Set command for DLL reset. (To issue DLL Reset command, provide HIGH
to A8 and LOW to BA0-BA2 and A13.)
9. Issue a precharge all command.
10. Issue 2 or more Auto Refresh commands.
11. Issue a MRS command with LOW to A8 to initialize device operation. (i.e. to program operating
parameters without resetting the DLL.)
12. At least 200 clocks after step 8, execute OCD Calibration (Off Chip Driver impedance adjustment).
If OCD calibration is not used, EMRS to EMR (1) to set OCD Calibration Default
(A9=A8=A7=HIGH)
followed
by
EMRS
to
EMR
(1)
to
exit
OCD
Calibration
Mode
(A9=A8=A7=LOW) must be issued with other operating parameters of EMR(1).
13. The DDR2 SDRAM is now ready for normal operation.


Similar Part No. - W971GG8JB-18

ManufacturerPart #DatasheetDescription
logo
Winbond
W971GG8JB WINBOND-W971GG8JB Datasheet
1Mb / 86P
   16M 횞 8 BANKS 횞 8 BIT DDR2 SDRAM
More results

Similar Description - W971GG8JB-18

ManufacturerPart #DatasheetDescription
logo
Winbond
W9751G8KB WINBOND-W9751G8KB Datasheet
1Mb / 87P
   16M x 4 BANKS 瑗?8 BIT DDR2 SDRAM
W971GG8KB-25-TR WINBOND-W971GG8KB-25-TR Datasheet
1Mb / 87P
   16M 8 BANKS 8 BIT DDR2 SDRAM
W972GG8JB WINBOND-W972GG8JB_12 Datasheet
1Mb / 87P
   32M x 8 BANKS x 8 BIT DDR2 SDRAM
W9751G8JB WINBOND-W9751G8JB Datasheet
1Mb / 86P
   16M ??4 BANKS ??8 BIT DDR2 SDRAM
W972GG6JB-18-TR WINBOND-W972GG6JB-18-TR Datasheet
1Mb / 87P
   16M 8 BANKS 16 BIT DDR2 SDRAM
W972GG6JB WINBOND-W972GG6JB Datasheet
1Mb / 87P
   16M ??8 BANKS ??16 BIT DDR2 SDRAM
W632GU6KB WINBOND-W632GU6KB Datasheet
3Mb / 160P
   16M X 8 BANKS X 16 BIT DDR3L SDRAM
W632GG6KB WINBOND-W632GG6KB Datasheet
3Mb / 159P
   16M X 8 BANKS X 16 BIT DDR3 SDRAM
logo
Elite Semiconductor Mem...
M15F2G16128A ESMT-M15F2G16128A Datasheet
4Mb / 130P
   16M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W971GG6JB WINBOND-W971GG6JB_13 Datasheet
1Mb / 87P
   8M X 8 BANKS X 16 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com