Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W987D6HBGX6I Datasheet(PDF) 10 Page - Winbond

Part # W987D6HBGX6I
Description  128Mb Mobile LPSDR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W987D6HBGX6I Datasheet(HTML) 10 Page - Winbond

Back Button W987D6HBGX6I Datasheet HTML 6Page - Winbond W987D6HBGX6I Datasheet HTML 7Page - Winbond W987D6HBGX6I Datasheet HTML 8Page - Winbond W987D6HBGX6I Datasheet HTML 9Page - Winbond W987D6HBGX6I Datasheet HTML 10Page - Winbond W987D6HBGX6I Datasheet HTML 11Page - Winbond W987D6HBGX6I Datasheet HTML 12Page - Winbond W987D6HBGX6I Datasheet HTML 13Page - Winbond W987D6HBGX6I Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
W987D6HB / W987D2HB
128Mb Mobile LPSDR
Publication Release Date : September 25, 2013
- 10 -
Revision : A01-004
7.4 DC Characteristics
(X16)
Parameter / Condition
Sym.
-6
-75
Unit
Notes
Max.
Max.
Operating current:
Active mode, 1 bank, BL = 1, tRC = tRC (min), Iout=0mA,
Active Precharge command cycling without burst operation.
IDD1
38
35
mA
2, 3, 4
Standby current:
Power-down mode, All banks idle, CKE = LOW.
Idd2P
Low
power
0.23
0.23
mA
5
Normal
power
0.28
0.28
Standby current:
Nonpower-down mode, All banks idle, CKE = HIGH.
Idd2N
10
10
mA
Standby current:
Active mode; CKE = LOW, CS# = HIGH, All banks active,
No accesses in progress.
Idd3P
3
3
mA
3, 4, 6
Standby current:
Active mode, CKE = HIGH, CS# = HIGH, All banks active after
tRCD met,
No accesses in progress.
Idd3N
20
15
mA
3, 4, 6
Operating current:
Burst mode, All banks active, Iout=0mA,
READ/WRITE command cycling,
Idd4
75
70
mA
2, 3, 4
Auto refresh current:
tRFC=tRFC (MIN), Auto refresh command cycling
Idd5
50
50
mA
2, 3, 4, 6
Deep Power Down Mode
Izz
10
10
μA
5,8


Similar Part No. - W987D6HBGX6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W987D6HBGX6I WINBOND-W987D6HBGX6I Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HBGX6I WINBOND-W987D6HBGX6I Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
More results

Similar Description - W987D6HBGX6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W989D6CB WINBOND-W989D6CB_13 Datasheet
1Mb / 65P
   512Mb Mobile LPSDR
logo
List of Unclassifed Man...
EM488M1644VBA-75F ETC1-EM488M1644VBA-75F Datasheet
698Kb / 18P
   128Mb Mobile SDRAM
logo
Winbond
W947D6HB WINBOND-W947D6HB Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
W947D6HBHX6E-TR WINBOND-W947D6HBHX6E-TR Datasheet
1Mb / 60P
   128Mb Mobile LPDDR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com