Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W989D6CBGX7E Datasheet(PDF) 8 Page - Winbond

Part # W989D6CBGX7E
Description  512Mb Mobile LPSDR
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D6CBGX7E Datasheet(HTML) 8 Page - Winbond

Back Button W989D6CBGX7E Datasheet HTML 4Page - Winbond W989D6CBGX7E Datasheet HTML 5Page - Winbond W989D6CBGX7E Datasheet HTML 6Page - Winbond W989D6CBGX7E Datasheet HTML 7Page - Winbond W989D6CBGX7E Datasheet HTML 8Page - Winbond W989D6CBGX7E Datasheet HTML 9Page - Winbond W989D6CBGX7E Datasheet HTML 10Page - Winbond W989D6CBGX7E Datasheet HTML 11Page - Winbond W989D6CBGX7E Datasheet HTML 12Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 65 page
background image
W989D6CB / W989D2CB
512Mb Mobile LPSDR
Publication Release Date : August 07, 2013
- 8 -
Revision : A01-006
7. ELECTRICAL CHARACTERISTICS
7.1 Absolute Maximum Ratings
Parameter
Symbol
Values
Units
Min
Max
Voltage on VDD relative to VSS
VDD
−0.5
2.3
V
Voltage on VDDQ relative to VSS
VDDQ
−0.5
2.3
V
Voltage on any pin relative to VSS
VIN, VOUT
−0.5
2.3
V
Operating
Temperature
Tc
-25
-40
85
85
°C
Storage Temperature
TSTG
−55
150
°C
Short Circuit Output Current
IOUT
±50
mA
Power Dissipation
PD
1.0
W
Notes: stresses greater than those listed in “absolute maximum ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
7.2 Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
1.7
1.8
1.95
V
Supply Voltage (for I/O Buffer)
VDDQ
1.7
1.8
1.95
V
Input High level Voltage
VIH
0.8*VDDQ
-
VDDQ+0.3
V
Input Low level Voltage
VIL
-0.3
-
+0.3
V
LVCOMS Output HLevel Voltage (IOUT = -0.1 mA )
VOH
0.9*VDDQ
-
-
V
LVCMOS Output LLevel Voltage (IOUT = +0.1 mA )
VOL
-
-
0.2
V
Input Leakage Current
(0V
 VIN  VDD, all other pins not under test = 0V)
II(L)
-1
-
1
A
Output Leakage Current (Output disable , 0V
 VOUT  VDDQ)
IO(L)
-5
-
5
A
Note: VIH(max) = VDD/ VDDQ+1.2V for pulse width < 5 ns , VIL(min) = VSS/ VSSQ-1.2V for pulse width < 5 ns
7.3 Capacitance
Parameter
Symbol
Min.
Max.
Unit
Input Capacitance
(A[ n : 0] , BA0, BA1,
CS , RAS , CAS , WE , DQM, CKE)
CI
1.5
3.0
pf
Input Capacitance (CLK)
CCLK
1.5
3.5
pf
Input/Output capacitance
CIO
3.0
5.0
pf
Note: These parameters are periodically sampled and not 100% tested.


Similar Part No. - W989D6CBGX7E

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D6CBGX7E WINBOND-W989D6CBGX7E Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
More results

Similar Description - W989D6CBGX7E

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com