Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME8800AEET Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AME8800AEET
Description  300mA CMOS LDO
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8800AEET Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AME8800AEET Datasheet HTML 7Page - Analog Microelectronics AME8800AEET Datasheet HTML 8Page - Analog Microelectronics AME8800AEET Datasheet HTML 9Page - Analog Microelectronics AME8800AEET Datasheet HTML 10Page - Analog Microelectronics AME8800AEET Datasheet HTML 11Page - Analog Microelectronics AME8800AEET Datasheet HTML 12Page - Analog Microelectronics AME8800AEET Datasheet HTML 13Page - Analog Microelectronics AME8800AEET Datasheet HTML 14Page - Analog Microelectronics AME8800AEET Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AME, Inc.
11
AME8800 / 8811
300mA CMOS LDO
n
n
n
nThermal Information
Parameter
Maximum
Unit
SOT-23
110
SOT-25
81
SOT-89
38
TO-92
80
SOT-23
325
SOT-25
260
SOT-89
180
TO-92
180
SOT-23
300
SOT-25
380
SOT-89
550
SOT-89
2750*
TO-92
625
150
oC
300
oC
* With heat sink capable of twice times the
θjc
Caution: Stress above the listed absolute rating may cause permanent damage to the device
oC / W
oC / W
mW
Thermal Resistance (
θjc)
Thermal Resistance (
θja)
Internal Power Dissipation (PD)
(
∆T = 100
oC)
Maximum Junction Temperature
Maximum Lead Temperature ( 10 Sec)


Similar Part No. - AME8800AEET

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8800AEET AME-AME8800AEET Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800AEETL AME-AME8800AEETL Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800AEETY AME-AME8800AEETY Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8800AEETZ AME-AME8800AEETZ Datasheet
365Kb / 36P
   300mA CMOS LDO
More results

Similar Description - AME8800AEET

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com