Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W9864G6JT-6I Datasheet(PDF) 10 Page - Winbond

Part # W9864G6JT-6I
Description  1M x 4 BANKS x 16 BITS SDRAM
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W9864G6JT-6I Datasheet(HTML) 10 Page - Winbond

Back Button W9864G6JT-6I Datasheet HTML 6Page - Winbond W9864G6JT-6I Datasheet HTML 7Page - Winbond W9864G6JT-6I Datasheet HTML 8Page - Winbond W9864G6JT-6I Datasheet HTML 9Page - Winbond W9864G6JT-6I Datasheet HTML 10Page - Winbond W9864G6JT-6I Datasheet HTML 11Page - Winbond W9864G6JT-6I Datasheet HTML 12Page - Winbond W9864G6JT-6I Datasheet HTML 13Page - Winbond W9864G6JT-6I Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
W9864G6JT
Publication Release Date: Oct. 15, 2013
- 10 -
Revision A02
7.14 Auto-precharge Command
If A10 is set to high when the Read or Write Command is issued, then the Auto-precharge function is
entered. During Auto-precharge, a Read Command will execute as normal with the exception that the
active bank will begin to precharge automatically before all burst read cycles have been completed.
Regardless of burst length, it will begin a certain number of clocks prior to the end of the scheduled
burst cycle. The number of clocks is determined by CAS Latency.
A Read or Write Command with Auto-precharge can not be interrupted before the entire burst
operation is completed. Therefore, use of a Read, Write or Precharge Command is prohibited during a
read or write cycle with Auto-precharge. Once the precharge operation has started, the bank cannot
be reactivated until the Precharge time (tRP) has been satisfied. Issue of Auto-precharge command is
illegal if the burst is set to full page length. If A10 is high when a Write Command is issued, the Write
with Auto-precharge function is initiated. The SDRAM automatically enters the precharge operation
two clocks delay from the last burst write cycle. This delay is referred to as Write tWR. The bank
undergoing Auto-precharge can not be reactivated until tWR and tRP are satisfied. This is referred to as
tDAL, Data-in to Active delay (tDAL = tWR + tRP). When using the Auto-precharge Command, the interval
between the Bank Activate Command and the beginning of the internal precharge operation must
satisfy tRAS (min).
7.15 Precharge Command
The Precharge Command is used to precharge or close a bank that has been activated. The
Precharge Command is entered when
CS , RAS and WE are low and CAS is high at the rising
edge of the clock. The Precharge Command can be used to precharge each bank separately or all
banks simultaneously. Three address bits, A10, BS0, and BS1, are used to define which bank(s) is to
be precharged when the command is issued. After the Precharge Command is issued, the precharged
bank must be reactivated before a new read or write access can be executed. The delay between the
Precharge Command and the Activate Command must be greater than or equal to the Precharge time
(tRP).
7.16 Self Refresh Command
The Self Refresh Command is defined by having
CS , RAS , CAS and CKE held low with WE
high at the rising edge of the clock. All banks must be idle prior to issuing the Self Refresh Command.
Once the command is registered, CKE must be held low to keep the device in Self Refresh mode.
When the SDRAM has entered Self Refresh mode all of the external control signals, except CKE, are
disabled. The clock is internally disabled during Self Refresh Operation to save power. The device will
exit Self Refresh operation after CKE is returned high. Any subsequent commands can be issued after
tXSR from the end of Self Refresh Command.
If, during normal operation, AUTO REFRESH cycles are issued in bursts (as opposed to being evenly
distributed), a burst of 4,096 AUTO REFRESH cycles should be completed just prior to entering and
just after exiting the self refresh mode.


Similar Part No. - W9864G6JT-6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G6JT WINBOND-W9864G6JT Datasheet
794Kb / 42P
   1M ??4 BANKS ??16 BITS SDRAM
More results

Similar Description - W9864G6JT-6I

ManufacturerPart #DatasheetDescription
logo
Winbond
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
W9864G6JB WINBOND-W9864G6JB Datasheet
879Kb / 43P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6KH WINBOND-W9864G6KH Datasheet
705Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W9812G2KB-6I-TR WINBOND-W9812G2KB-6I-TR Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G2KB WINBOND-W9812G2KB Datasheet
820Kb / 43P
   1M X 4 BANKS X 32 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9812G6KH WINBOND-W9812G6KH Datasheet
686Kb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com