Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5359-O Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5359-O
Description  Power Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5359-O Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5359-O Datasheet HTML 1Page - Toshiba Semiconductor 2SC5359-O Datasheet HTML 2Page - Toshiba Semiconductor 2SC5359-O Datasheet HTML 3Page - Toshiba Semiconductor 2SC5359-O Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5359
2006-11-10
3
IC – VCE
Collector-emitter voltage VCE (V)
IC – VBE
Base-emitter voltage VBE (V)
hFE – IC
Collector current IC (A)
Collector-emitter voltage VCE (V)
Collector current IC (A)
VCE (sat) – IC
Safe Operating Area
Common emitter
VCE = 5 V
0
0
Tc = 100°C
4
8
12
16
20
−25
0.4
0.8
1.2
1.6
2.0
25
Common emitter
IC/IB = 10
Tc = 100°C
0.01
0.01
0.1
1
0.1
3
1
25
−25
0.3
10
100
0.03
Common emitter
VCE = 5 V
1
0.01
−25
25
10
30
100
300
0.1
1
10
Tc = 100°C
100
3
Common emitter
Tc = 25°C
0
0
IB = 10 mA
800
4
8
12
16
20
2
4
6
8
10
50
600
400
250
200
150
100
40
20
30
300
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max (pulsed)*
DC operation
Tc = 25°C
1
3
10
30
100 ms*
10 ms*
1 ms*
VCEO max
0.3
100
300
1000
1
0.03
0.1
30
IC max (continuous)
10
100
0.01
3
3000


Similar Part No. - 2SC5359-O

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5359 TOSHIBA-2SC5359 Datasheet
150Kb / 2P
   NPN TRIPLE DIFFUSED TYPE (POWERAMPLIFIER APPLICATIONS)
logo
Inchange Semiconductor ...
2SC5359 ISC-2SC5359 Datasheet
142Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5359 SAVANTIC-2SC5359 Datasheet
243Kb / 4P
   Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SC5359 TOSHIBA-2SC5359 Datasheet
127Kb / 4P
   Power Amplifier Applications
logo
Savantic, Inc.
2SC5359 SAVANTIC-2SC5359 Datasheet
244Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC5359-O

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
   Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
   Power Amplifier Applications Power Switching Applications
2SA1761 TOSHIBA-2SA1761_09 Datasheet
186Kb / 4P
   Power Amplifier Applications Power Switching Applications
2SA1892 TOSHIBA-2SA1892_06 Datasheet
159Kb / 5P
   Power Amplifier Applications Power Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com