Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W989D2CBJX5G Datasheet(PDF) 11 Page - Winbond

Part # W989D2CBJX5G
Description  512Mb Mobile LPSDR
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W989D2CBJX5G Datasheet(HTML) 11 Page - Winbond

Back Button W989D2CBJX5G Datasheet HTML 7Page - Winbond W989D2CBJX5G Datasheet HTML 8Page - Winbond W989D2CBJX5G Datasheet HTML 9Page - Winbond W989D2CBJX5G Datasheet HTML 10Page - Winbond W989D2CBJX5G Datasheet HTML 11Page - Winbond W989D2CBJX5G Datasheet HTML 12Page - Winbond W989D2CBJX5G Datasheet HTML 13Page - Winbond W989D2CBJX5G Datasheet HTML 14Page - Winbond W989D2CBJX5G Datasheet HTML 15Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
W989D6CB / W989D2CB
512Mb Mobile LPSDR
Publication Release Date : August 07, 2013
- 11 -
Revision : A01-006
7.5 Automatic Temperature Compensated Self Refresh Current Feature
IDD6
Low Power
Normal Power
Units
TCSR Range
45°C
85°C
45°C
85°C
uA
Full Array
450
600
650
800
1/2 Array
350
500
550
700
1/4 Array
300
400
500
600
Notes:
1.
A full initialization sequence is required before proper device operation is ensured.
2.
Idd is dependent on output loading and cycle rates. Specified values are obtained with minimum cycle time and
the outputs open.
3.
The Idd current will increase or decrease proportionally according to the amount of frequency alteration for the test
condition.
4.
Address transitions average one transition every 2 clocks.
5.
Measurement is taken 500ms after entering into this operating mode to provide tester measuring unit settling time.
6.
Other input signals can transition only one time for every 2 clocks and are otherwise at valid Vih or Vil levels.
7.
CKE is HIGH during the REFRESH command period tRFC (MIN) else CKE is LOW.
8.
Typical values at 25°C (not a maximum value).
9.
Enables on-die refresh and address counters.
10. Values for Idd6 85°C full array and partial array are guaranteed for the entire temperature range. All other Idd6
values are estimated.


Similar Part No. - W989D2CBJX5G

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D2CBJX6E WINBOND-W989D2CBJX6E Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D2CBJX6I WINBOND-W989D2CBJX6I Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D2CBJX7E WINBOND-W989D2CBJX7E Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W989D2CBJX7G WINBOND-W989D2CBJX7G Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
More results

Similar Description - W989D2CBJX5G

ManufacturerPart #DatasheetDescription
logo
Winbond
W989D6CB WINBOND-W989D6CB Datasheet
1Mb / 67P
   512Mb Mobile LPSDR
W987D6HBGX6E-TR WINBOND-W987D6HBGX6E-TR Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FBGX6E-TR WINBOND-W988D6FBGX6E-TR Datasheet
1Mb / 64P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB Datasheet
1Mb / 68P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB Datasheet
1Mb / 68P
   256Mb Mobile LPSDR
W987D6HB WINBOND-W987D6HB_13 Datasheet
1Mb / 66P
   128Mb Mobile LPSDR
W988D6FB WINBOND-W988D6FB_13 Datasheet
1Mb / 66P
   256Mb Mobile LPSDR
W949D6CB WINBOND-W949D6CB Datasheet
1Mb / 60P
   512Mb Mobile LPDDR
logo
Integrated Silicon Solu...
IS42VM32160C ISSI-IS42VM32160C Datasheet
358Kb / 17P
   512Mb Mobile Synchronous DRAM
IS42SM32160C ISSI-IS42SM32160C Datasheet
295Kb / 17P
   512Mb Mobile Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com