Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-102 Datasheet(PDF) 5 Page - STMicroelectronics

Part # BZW06-102
Description  TRANSIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-102 Datasheet(HTML) 5 Page - STMicroelectronics

  BZW06-102 Datasheet HTML 1Page - STMicroelectronics BZW06-102 Datasheet HTML 2Page - STMicroelectronics BZW06-102 Datasheet HTML 3Page - STMicroelectronics BZW06-102 Datasheet HTML 4Page - STMicroelectronics BZW06-102 Datasheet HTML 5Page - STMicroelectronics BZW06-102 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BZW06-xx
5/6
Fig. 6 : Transient thermal impedance junction ambi-
ent versus pulse duration (For FR4 PC Board
with L lead = 10mm).
Fig. 5 : Peak forward voltage drop versus peak for-
ward current (typical values for unidirectional
types).
Fig. 4b : Capacitance versus reverse applied
voltage for bidirectional types (typical values).
Fig. 4a : Capacitance versus reverse applied
voltage for unidirectional types (typical values).
Fig. 7 : Relative variation of leakage current ver-
sus junction temperature.


Similar Part No. - BZW06-102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-102 STMICROELECTRONICS-BZW06-102 Datasheet
172Kb / 6P
   TRANSIL
BZW06-102 STMICROELECTRONICS-BZW06-102 Datasheet
176Kb / 6P
   PEAK PULSE POWER 600 W (10/1000ms)
logo
Diotec Semiconductor
BZW06-102 DIOTEC-BZW06-102 Datasheet
143Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
New Jersey Semi-Conduct...
BZW06-102 NJSEMI-BZW06-102 Datasheet
91Kb / 2P
   600 Watts Transient Voltage Suppressor Diodes
logo
Semikron International
BZW06-102 SEMIKRON-BZW06-102 Datasheet
151Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - BZW06-102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com