Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW06-10B Datasheet(PDF) 6 Page - STMicroelectronics

Part # BZW06-10B
Description  TRANSIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW06-10B Datasheet(HTML) 6 Page - STMicroelectronics

  BZW06-10B Datasheet HTML 1Page - STMicroelectronics BZW06-10B Datasheet HTML 2Page - STMicroelectronics BZW06-10B Datasheet HTML 3Page - STMicroelectronics BZW06-10B Datasheet HTML 4Page - STMicroelectronics BZW06-10B Datasheet HTML 5Page - STMicroelectronics BZW06-10B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
BZW06-xx
6/6
Packaging : standard packaging is in tape and reel.
PACKAGE MECHANICAL DATA
DO-15 (Plastic)
Weight = 0.4 g.
MARKING : Logo, Date Code, Type Code, Cathode Band (for unidirectional types only).
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
6.05
6.75
0.238
0.266
B
2.95
3.53
0.116
0.139
C
26
31
1.024
1.220
D
0.71
0.88
0.028
0.035
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of
use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by
implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to
change without notice. This publication supersedes and replaces all information previously supplied.
STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written
approval of STMicroelectronics.
The ST logo is a registered trademark of STMicroelectronics
© 2003 STMicroelectronics - Printed in Italy - All rights reserved.
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - Canada - China - Finland - France - Germany
Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco - Singapore
Spain - Sweden - Switzerland - United Kingdom - United States.
http://www.st.com
A
C
C
D
B
BZW
06
-
10
B
RL
600W
STAND-OFF VOLTAGE
BIDIRECTIONAL
No suffix: Unidirectional
PACKAGING:
‘ ‘ = Ammopack tape
‘RL’ = Tape & reel
ORDER


Similar Part No. - BZW06-10B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW06-10B STMICROELECTRONICS-BZW06-10B Datasheet
172Kb / 6P
   TRANSIL
logo
EIC discrete Semiconduc...
BZW06-10B EIC-BZW06-10B Datasheet
49Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Taiwan Semiconductor Co...
BZW06-10B TSC-BZW06-10B Datasheet
82Kb / 4P
   Transient Voltage Suppressor Diodes
logo
Galaxy Semi-Conductor H...
BZW06-10B BILIN-BZW06-10B Datasheet
123Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
BZW06-10B TAYCHIPST-BZW06-10B Datasheet
3Mb / 3P
   Voltage regulator dides
More results

Similar Description - BZW06-10B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com