Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ26A-TR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMBJ26A-TR
Description  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMBJ26A-TR Datasheet(HTML) 4 Page - STMicroelectronics

  SMBJ26A-TR Datasheet HTML 1Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 2Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 3Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 4Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 5Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 6Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 7Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 8Page - STMicroelectronics SMBJ26A-TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Characteristics
SMBJ
4/10
Doc ID 5616 Rev 10
Figure 5.
Clamping voltage versus peak pulse current (exponential waveform, maximum values)
Figure 3.
Peak pulse power dissipation
versus initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
0
100
200
300
400
500
600
700
0
25
50
75
100
125
150
175
P
pp (W)
Tj(°C)
0.1
1.0
10.0
100.0
1.0E-03
1.0E-021.0E-011.0E+00
1.0E+01
P
PP(kW)
T
j initial = 25 °C
tP(ms)
IPP(A )
0.1
1.0
10.0
100.0
1000.0
1
10
100
1000
10/1000 µs
Tj initial=25 °C
8/20 µs
10 ms
V CL(V)


Similar Part No. - SMBJ26A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMBJ26A-TR STMICROELECTRONICS-SMBJ26A-TR Datasheet
82Kb / 6P
   TRANSILTM
SMBJ26A-TR STMICROELECTRONICS-SMBJ26A-TR Datasheet
158Kb / 6P
   TRANSILTM
SMBJ26A-TR STMICROELECTRONICS-SMBJ26A-TR Datasheet
131Kb / 10P
   Transil?
October 2010 Rev 10
More results

Similar Description - SMBJ26A-TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com