Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI42N65M5 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STI42N65M5
Description  N-channel 650 V, 0.070 ohm, 33 A MDmesh V Power MOSFET
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI42N65M5 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STI42N65M5 Datasheet HTML 6Page - STMicroelectronics STI42N65M5 Datasheet HTML 7Page - STMicroelectronics STI42N65M5 Datasheet HTML 8Page - STMicroelectronics STI42N65M5 Datasheet HTML 9Page - STMicroelectronics STI42N65M5 Datasheet HTML 10Page - STMicroelectronics STI42N65M5 Datasheet HTML 11Page - STMicroelectronics STI42N65M5 Datasheet HTML 12Page - STMicroelectronics STI42N65M5 Datasheet HTML 13Page - STMicroelectronics STI42N65M5 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Package mechanical data
STx42N65M5
10/18
Doc ID 15317 Rev 3
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com. ECOPACK
is an ST trademark.


Similar Part No. - STI42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI42N65M5 STMICROELECTRONICS-STI42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STI42N65M5 STMICROELECTRONICS-STI42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
logo
Inchange Semiconductor ...
STI42N65M5 ISC-STI42N65M5 Datasheet
357Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STI42N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW60N65M5 STMICROELECTRONICS-STW60N65M5 Datasheet
975Kb / 16P
   N-channel 650 V, 0.049 ohm, 46 A MDmesh V Power MOSFET
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STX42N65M5 STMICROELECTRONICS-STX42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 ?? 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
June 2009 Rev 3
STL42N65M5 STMICROELECTRONICS-STL42N65M5 Datasheet
686Kb / 14P
   N-channel 650 V, 0.070 廓, 34 A MDmesh??V Power MOSFET in PowerFLAT??8x8 HV package
April 2012 Rev 2
STB42N65M5 STMICROELECTRONICS-STB42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STW54NM65N STMICROELECTRONICS-STW54NM65N Datasheet
499Kb / 12P
   N-channel 650 V, 0.054 OHM, 50 A MDmesh II Power MOSFET
STW77N65M5 STMICROELECTRONICS-STW77N65M5 Datasheet
963Kb / 14P
   N-channel 650 V, 0.033 ohm, 69 A, MDmesh V Power MOSFET TO-247
STF42N65M5 STMICROELECTRONICS-STF42N65M5 Datasheet
1Mb / 18P
   N-channel 650 V, 0.070 廓, 33 A MDmesh??V Power MOSFET in I2PAK, TO-220, TO-220FP, D2PAK and TO-247
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com