Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW04-31B Datasheet(PDF) 2 Page - STMicroelectronics

Part # BZW04-31B
Description  TRANSIL
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW04-31B Datasheet(HTML) 2 Page - STMicroelectronics

  BZW04-31B Datasheet HTML 1Page - STMicroelectronics BZW04-31B Datasheet HTML 2Page - STMicroelectronics BZW04-31B Datasheet HTML 3Page - STMicroelectronics BZW04-31B Datasheet HTML 4Page - STMicroelectronics BZW04-31B Datasheet HTML 5Page - STMicroelectronics BZW04-31B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BZW04-xx
2/6
I
I F
V F
V
VCL
VBR
VRM
I PP
I RM
V
Symbol
Parameter
VRM
Stand-off voltage
VBR
Breakdown voltage
VCL
Clamping voltage
IRM
Leakage current @ VRM
IPP
Peak pulse current
αT
Voltage temperature coefficient
VF
Forward voltage drop
ELECTRICAL CHARACTERISTICS (Tamb = 25°C)
Types
IRM @VRM
VBR
@IR
VCL @IPP
VCL @IPP
αTC
max
min
max
max
max
typ
note2
10/1000
µs
8/20
µs
note3
note4
Unidirectional
Bidirectional
µA
V
VmAV
A
V
A
10
-4/°C
pF
BZW04-5V8
BZW04-5V8B
1000
5.8
6.45
10
10.5
38.0
13.4
174
5.7
3500
BZW04-6V4
BZW04-6V4B
500
6.4
7.13
10
11.3
35.4
14.5
160
6.1
3100
BZW04-8V5
BZW04-8V5B
10
8.5
9.5
1
14.5
27.6
18.6
124
7.3
2000
BZW04-10
BZW04-10B
5
10.2
11.4
1
16.7
24.0
21.7
106
7.8
1550
BZW04-13
BZW04-13B
5
12.8
14.3
1
21.2
19.0
27.2
85
8.4
1200
BZW04-15
BZW04-15B
1
15.3
17.1
1
25.2
16.0
32.5
71
8.8
975
BZW04-19
BZW04-19B
1
18.8
20.9
1
30.6
13.0
39.3
59
9.2
800
BZW04-20
BZW04-20B
1
20.5
22.8
1
33.2
12.0
42.8
54
9.4
725
BZW04-23
BZW04-23B
1
23.1
25.7
1
37.5
10.7
48.3
48
9.6
625
BZW04-26
BZW04-26B
1
25.6
28.5
1
41.5
9.6
53.5
43
9.7
575
BZW04-28
BZW04-28B
1
28.2
31.4
1
45.7
8.8
59.0
39
9.8
510
BZW04-31
BZW04-31B
1
30.8
34.2
1
49.9
8.0
64.3
36
9.6
480
BZW04-33
BZW04-33B
1
33.3
37.1
1
53.9
7.4
69.7
33
10.0
450
BZW04-40
BZW04-40B
1
40.2
44.7
1
64.8
6.2
84
27
10.1
370
BZW04-48
BZW04-48B
1
47.8
53.2
1
77.0
5.2
100
23
10.3
320
BZW04-58
BZW04-58B
1
58.1
64.6
1
92.0
4.3
121
19
10.4
270
BZW04-70
BZW04-70B
1
70.1
77.9
1
113
3.5
146
16.0
10.5
230
BZW04-85
BZW04-85B
1
85.5
95.0
1
137
2.9
178
13.0
10.6
200
BZW04-102
BZW04-102B
1
102
114
1
165
2.4
212
11.0
10.7
170
BZW04-128
BZW04-128B
1
128
143
1
207
2.0
265
9.0
10.8
145
BZW04-154
BZW04-154B
1
154
171
1
246
1.6
317
7.0
10.8
125
BZW04-171
BZW04-171B
1
171
190
1
274
1.5
353
6.5
10.8
120
BZW04-188
BZW04-188B
1
188
209
1
328
1.4
388
6.0
10.8
110
BZW04-213
BZW04-213B
1
231
237
1
344
1.5
442
5.2
11.0
100
BZW04-256
BZW04-256B
1
256
285
1
414
1.2
529
4.3
11.0
90


Similar Part No. - BZW04-31B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-31B STMICROELECTRONICS-BZW04-31B Datasheet
130Kb / 6P
   TRANSIL
logo
DB Lectro Inc
BZW04-31B DBLECTRO-BZW04-31B Datasheet
293Kb / 1P
   MINI TYPE LED LAMPS
logo
Galaxy Semi-Conductor H...
BZW04-31B BILIN-BZW04-31B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-31B VISHAY-BZW04-31B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
BZW04-31B MDE-BZW04-31B Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW04-31B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM6T56CA STMICROELECTRONICS-SM6T56CA Datasheet
125Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com